| Zakładka z wyszukiwarką danych komponentów |
|
AD9992BBCZ Arkusz danych(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZ Arkusz danych(HTML) 44 Page - Analog Devices |
|
44 / 92 page ![]() AD9992 Rev. C | Page 44 of 92 VD REGISTER WRITE A MODE FIELD NUMBER 4 (DRAFT) 4 (DRAFT) 0 (STILL 1ST FIELD) EXAMPLE MODE REGISTER CHANGE: REGISTER WRITE A––WRITE TO MODE REGISTERS 0x2A, 0x2B, 0x2C TO SPECIFY CHANGE FROM DRAFT MODE (FIELD4) TO STILL MODE (FIELD0/1/2/3). ALSO WRITE TO VGA GAIN OR ANY NEW REGISTER VALUES NEEDED FOR STILL FRAME OPERATION, SUCH AS NEW FIELD INFORMATION. 1 (STILL 2ND FIELD) 2 MODE UPDATE MODE WRITE Figure 52. Update of MODE Register, SCK Updated (Default Setting) VD REGISTER WRITE AB MODE FIELD NUMBER 4 (DRAFT) 4 (DRAFT) 0 (STILL 1ST FIELD) EXAMPLE MODE REGISTER CHANGE: REGISTER WRITE A––WRITE TO MODE REGISTERS 0x2A, 0x2B, 0x2C TO SPECIFY CHANGE FROM DRAFT MODE (FIELD4) TO STILL MODE (FIELD0/1/2/3). REGISTER WRITE B––WRITE TO VGA GAIN OR ANY NEW REGISTER VALUES NEEDED FOR STILL FRAME OPERATION, SUCH AS NEW FIELD INFORMATION. NOTES 1. NEW MODE INFORMATION IS UPDATED AT SECOND VD FALLING EDGE AFTER SERIAL WRITE A. 1 (STILL 2ND FIELD) 2 MODE UPDATE MODE WRITE Figure 53. Update of MODE Register if Changed to VD-Updated Register FIELD3 FIELD0 FIELD1 FIELD2 FIELD5 FIELD1 FIELD4 FIELD2 EXAMPLE 1: TOTAL FIELDS = 3, FIRST FIELD = FIELD0, SECOND FIELD = FIELD1, THIRD FIELD = FIELD2 MODE SETTINGS: 0x2A = 0x3 0x2B = 0x820 0x2C = 0x0 EXAMPLE 2: TOTAL FIELDS = 1, FIRST FIELD = FIELD3 MODE SETTINGS: 0x2A = 0x1 0x2B = 0x3 0x2C = 0x0 EXAMPLE 3: TOTAL FIELDS = 4, FIRST FIELD = FIELD5, SECOND FIELD = FIELD1, THIRD FIELD = FIELD4, FOURTH FIELD = FIELD2 MODE SETTINGS: 0x2A = 0x4 0x2B = 0x11025 0x2C = 0x0 Figure 54. Using the MODE Registers to Select Field Timing |