| Zakładka z wyszukiwarką danych komponentów |
|
AD9992BBCZ Arkusz danych(PDF) 90 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZ Arkusz danych(HTML) 90 Page - Analog Devices |
|
90 / 92 page ![]() AD9992 Rev. C | Page 90 of 92 Address Data Bits Default Value Update Type Mnemonic Description 0x1F [12:0] X SCP HBLKSTARTA HBLK Repeat Area Start Position A for HBLK Mode 2. Set to 8191 if not used. [25:13] X HBLKSTARTB HBLK Repeat Area Start Position B for HBLK Mode 2. Set to 8191 if not used. 0x20 [12:0] X SCP HBLKSTARTC HBLK Repeat Area Start Position C for HBLK Mode 2. Set to 8191 if not used. [13] X VSEQALT_EN Special V-sequence alternation enable. [14] X VALT_MAP 1: Enables operation of VALTSEL0_EVEN/ODD, VALTSEL1_EVEN/ODD registers in FREEZE/RESUME registers. Must be enabled if special VALT mode is used. [17:15] X SPC_PAT_EN 1: Enables use of special vertical pattern insertion into VPATA sequence. [0]: Use VPATB as the special pattern. [1]: Use VPATC as the special pattern. [2]: Use VPATD as the special pattern. 0x21 [2:0] X SCP HBLKALT_PAT1 HBLK Mode 2, Repeat Area 0 pattern for odd lines. [6:4] X HBLKALT_PAT2 HBLK Mode 2, Repeat Area 0 pattern for odd lines. [10:8] X HBLKALT_PAT3 HBLK Mode 2, Repeat Area 0 pattern for odd lines. [14:12] X HBLKALT_PAT4 HBLK Mode 2, Repeat Area 0 pattern for odd lines. [18:16] X HBLKALT_PAT5 HBLK Mode 2, Repeat Area 0 pattern for odd lines. [22:20] X HBLKALT_PAT6 HBLK Mode 2, Repeat Area 0 pattern for odd lines. 0x22 [12:0] X SCP CLPOBTOG1 CLPOB Toggle Position 1. [25:13] X CLPOBTOG2 CLPOB Toggle Position 2. 0x23 [12:0] X SCP PBLKTOG1 PBLK Toggle Position 1. [25:13] X PBLKTOG2 PBLK Toggle Position 2. 0x24 [12:0] X SCP LASTREPLEN_A Last repetition length for Group A. Set equal to VLENA. [25:13] X LASTREPLEN_B Last repetition length for Group B. Set equal to VLENB. 0x25 [12:0] X SCP LASTREPLEN_C Last repetition length for Group C. Set equal to VLENC. [25:13] X LASTREPLEN_D Last repetition length for Group D. Set equal to VLEND. 0x26 [12:0] X SCP LASTTOG_A Optional fifth toggle position for Group A. [25:13] X LASTTOG_B Optional fifth toggle position for Group B. 0x27 [12:0] X SCP LASTTOG_C Optional fifth toggle position for Group C. [25:13] X LASTTOG_D Optional fifth toggle position for Group D. Table 42. Field Registers Address Data Bits Default Value Update Type Mnemonic Description 0x00 [4:0] X VD SEQ0 Selected V-sequence for first region in the field. [9:5] X SEQ1 Selected V-sequence for second region in the field. [14:10] X SEQ2 Selected V-sequence for third region in the field. [19:15] X SEQ3 Selected V-sequence for fourth region in the field. [24:20] X SEQ4 Selected V-sequence for fifth region in the field. 0x01 [4:0] X VD SEQ5 Selected V-sequence for sixth region in the field. [9:5] X SEQ6 Selected V-sequence for seventh region in the field. [14:10] X SEQ7 Selected V-sequence for eighth region in the field. [19:15] X SEQ8 Selected V-sequence for ninth region in the field. [21:20] MULT_SWEEP0 Enables multiplier mode and/or sweep mode for Region 0: 0: Multiplier off/sweep off. 1: Multiplier off/sweep on. 2: Multiplier on/sweep off. 3: Multiplier on/sweep on. [23:22] MULT_SWEEP1 Enables multiplier mode and/or sweep mode for Region 2. [25:24] MULT_SWEEP2 Enables multiplier mode and/or sweep mode for Region 1. |