| Zakładka z wyszukiwarką danych komponentów |
|
AD9880/PCB Arkusz danych(PDF) 55 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9880/PCB Arkusz danych(HTML) 55 Page - Analog Devices |
|
55 / 64 page ![]() AD9880 Rev. 0 | Page 55 of 64 Table 96. ISRC1 Valid Description 0 ISRC1 status bits and PBs not valid 1 ISRC1 status bits and PBs valid 0xC8 2-0 ISRC Status These bits define where in the ISRC track the samples are: at least two transmissions of 001 occur at the beginning of the track, while in the middle of the track, continuous transmission of 010 occurs followed by at least two transmissions of 100 near the end of the track. 0xC9 7-0 ISRC1 Packet Byte 0 (ISRC1_PB0) 0xCA 7-0 ISRC1_PB1 0xCB 7-0 ISRC1_PB2 0xCC 7-0 ISRC1_PB3 0xCD 7-0 ISRC1_PB4 0xCE 7-0 ISRC1_PB5 0xCF 6-0 New Data Flags See Register 0x87 for a description. 0xD0 7-0 ISRC1_PB6 0xD1 7-0 ISRC1_PB7 0xD2 7-0 ISRC1_PB8 0xD3 7-0 ISRC1_PB9 0xD4 7-0 ISRC1_PB10 0xD5 7-0 ISRC1_PB11 0xD6 7-0 ISRC1_PB12 0xD7 6-0 New Data Flags See Register 0x87 for a description. 0xD8 7-0 ISRC1_PB13 0xD9 7-0 ISRC1_PB14 0xDA 7-0 ISRC1_PB15 0xDB 7-0 ISRC1_PB16 0xDC 7-0 ISRC2 Packet Byte 0 (ISRC2_PB0) This is transmitted only when the ISRC continue bit (Register 0xC8 Bit 7) is set to 1. 0xDD 7-0 ISRC2_PB1 0xDE 7-0 ISRC2_PB2 0xDF 6-0 New Data Flags See Register 0x87 for a description. 0xE0 7-0 ISRC2_PB3 0xE1 7-0 ISRC2_PB4 0xE2 7-0 ISRC2_PB5 0xE3 7-0 ISRC2_PB6 0xE4 7-0 ISRC2_PB7 0xE5 7-0 ISRC2_PB8 0xE6 7-0 ISRC2_PB9 0xE7 6-0 New Data Flags See Register 0x87 for a description. 0xE8 7-0 ISRC2_PB10 0xE9 7-0 ISRC2_PB11 0xEA 7-0 ISRC2_PB12 0xEB 7-0 ISRC2_PB13 0xEC 7-0 ISRC2_PB14 0xED 7-0 ISRC2_PB15 0xEE 7-0 ISRC2_PB16 |