| Zakładka z wyszukiwarką danych komponentów |
|
AD9880/PCB Arkusz danych(PDF) 57 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9880/PCB Arkusz danych(HTML) 57 Page - Analog Devices |
|
57 / 64 page ![]() AD9880 Rev. 0 | Page 57 of 64 SDA SCL tBUFF tSTAH tDHO tDSU tDAL tDAH tSTASU tSTOSU Figure 17. Serial Port Read/Write Timing Serial Interface Read/Write Examples Read from one control register: Write to one control register: • Start signal • Start signal • Slave address byte (R/W\ bit = low) • Slave address byte (R/W\ bit = low) • Base address byte • Base address byte • Start signal • Data byte to base address • Slave address byte (R/W\ bit = high) • Stop signal • Data byte from base address • Stop signal Write to four consecutive control registers: Read from four consecutive control registers: • Start signal • Start signal • Slave address byte (R/W\ bit = LOW) • Slave address byte (R/W\ bit = low) • Base address byte • Base address byte • Data byte to base address • Start signal • Data byte to (base address + 1) • Slave address byte (R/W\ bit = high) • Data byte to (base address + 2) • Data byte from base address • Data byte to (base address + 3) • Data byte from (base address + 1) • Stop signal • Data byte from (base address + 2) • Data byte from (base address + 3) • Stop signal BIT 7 ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 SDA SCL Figure 18. Serial Interface—Typical Byte Transfer |