| Zakładka z wyszukiwarką danych komponentów |
|
CDB53L21 Arkusz danych(PDF) 10 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB53L21 Arkusz danych(HTML) 10 Page - Cirrus Logic |
|
10 / 33 page ![]() 10 DS700DB1 CDB53L21 2.3 ADC Volume Controls Tab The “ADC Volume Controls” tab provides high-level control of all volume settings in the ADC of the CS53L21. Status text detailing the ADC’s specific configuration is shown in parenthesis or inside the control group of the affected control. This text will change depending on the setting of the associated control. A de- scription of each control group is outlined below (a description of each register is included in the CS53L21 data sheet): Digital Volume Control - Includes digital volume controls and adjustments for the ADC. ALC Configuration - Includes all configuration settings for the Automatic Level Control (ALC). Analog Volume Control - Includes all analog volume controls and adjustments for the ADC. Noise Gate Configuration - Includes all configuration settings for the noise gate. Update - Reads all registers in the CS53L21 and reflects the current values in the GUI. Reset - Resets the CS53L21. Figure 3. ADC Volume Controls Tab |