Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAB400M12XM3 Arkusz danych(PDF) 8 Page - WOLFSPEED, INC.

Numer części CAB400M12XM3
Szczegółowy opis  1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSPEED [WOLFSPEED, INC.]
Strona internetowa  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB400M12XM3 Arkusz danych(HTML) 8 Page - WOLFSPEED, INC.

  CAB400M12XM3 Datasheet HTML 1Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright ©2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, Wolfspeed®, and the Wolfspeed logo
are registered trademarks of Cree, Inc.
8
Rev. -, 2019-10-31
CAB400M12XM3
4600 Silicon Dr., Durham, NC 27703
Schematic and Pin Out
Package Dimension (mm)
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
2
3
1
4
5
6
7
11
10
8,9
Title
Size
Document Number
Rev
Date:
Sheet
of
<Doc>
<RevCode>
<Title>
Custom
11
Wednesday, May 15, 2019
Title
Size
Document Number
Rev
Date:
Sheet
of
<Doc>
<RevCode>
<Title>
Custom
11
Wednesday, May 15, 2019
Title
Size
Document Number
Rev
Date:
Sheet
of
<Doc>
<RevCode>
<Title>
Custom
11
Wednesday, May 15, 2019
NTC
53.00 ±0.20
44.75 ±0.20
4.50 ±0.20
29.50 ±0.20
44.00 ±0.30
12.50 ±0.30
15.75 ±0.30
0.64
2.54
3
2
1
8
9
10
11
4
5
7
6
CREE CONFIDENTIAL
This plot and the information contained within are the proprietary and
confidential information of Cree, Inc. This plot may not be copied,
reproduced, or disclosed to any unauthorized person without the written
consent of Cree, Inc.
Cree Fayetteville
535 W. Research Center Blvd. Fayetteville, AR 72701
DATASHEET DRAWING
PART #
APM-011-000
REV
1
DRAWN BY
CHECK
APPROVED
BMC 2/7/2019
UNLESS OTHERWISE SPECIFIED
THIRD ANGLE PROJECTION
±
.XX 0.25
DIMENSIONS
mm
TOLERANCE
SIZE
.XXX
±
±
0.125
0.5°
A
A
B
B
C
C
D
D
6
6
5
5
4
4
3
3
2
2
1
1
C
NOT TO SCALE
SHEET 1 OF 2
Wolfspeed, A Cree Company
53.00 ±0.20
44.75 ±0.20
4.50 ±0.20
29.50 ±0.20
44.00 ±0.30
12.50 ±0.30
15.75 ±0.30
0.64
2.54
3
2
1
8
9
10
11
4
5
7
6
CREE CONFIDENTIAL
This plot and the information contained within are the proprietary and
confidential information of Cree, Inc. This plot may not be copied,
reproduced, or disclosed to any unauthorized person without the written
consent of Cree, Inc.
Cree Fayetteville
535 W. Research Center Blvd. Fayetteville, AR 72701
DATASHEET DRAWING
PART #
APM-011-000
REV
1
DRAWN BY
CHECK
APPROVED
BMC 2/7/2019
UNLESS OTHERWISE SPECIFIED
THIRD ANGLE PROJECTION
±
.XX 0.25
DIMENSIONS
mm
TOLERANCE
SIZE
.XXX
±
±
0.125
0.5°
A
A
B
B
C
C
D
D
6
6
5
5
4
4
3
3
2
2
1
1
C
NOT TO SCALE
SHEET 1 OF 2
Wolfspeed, A Cree Company



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com