Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAB400M12XM3 Arkusz danych(PDF) 1 Page - WOLFSPEED, INC.

Numer części CAB400M12XM3
Szczegółowy opis  1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSPEED [WOLFSPEED, INC.]
Strona internetowa  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

CAB400M12XM3 Arkusz danych(HTML) 1 Page - WOLFSPEED, INC.

  CAB400M12XM3 Datasheet HTML 1Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 2Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 3Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 4Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 5Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 6Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 7Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 8Page - WOLFSPEED, INC. CAB400M12XM3 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Copyright ©2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, Wolfspeed®, and the Wolfspeed logo
are registered trademarks of Cree, Inc.
1
Rev. -, 2019-10-31
CAB400M12XM3
4600 Silicon Dr., Durham, NC 27703
CAB400M12XM3
1200 V, 400 A All-Silicon Carbide
Switching-Loss Optimized, Half-Bridge Module
Technical Features
• High Power Density Footprint
• High Junction Temperature (175 °C) Operation
• Low Inductance (6.7 nH) Design
• Implements Third Generation SiC MOSFET
Technology Optimized for Low Switching Loss
• Silicon Nitride Insulator and Copper Baseplate
V
DS
1200 V
I
DS
400 A
System Benefits
• Terminal layout allows for direct bus bar connection without bends or bushings enabling a simple,
low inductance design.
• Isolated integrated temperature sensing enables high-level temperature protection.
• Dedicated drain Kelvin pin enables direct voltage sensing for gate driver overcurrent protection.
Applications
• Motor & Traction Drives
• Vehicle Fast Chargers
• Uninterruptable Power Supplies
• Smart-Grid / Grid-Tied Distributed Generation
Package 80 x 53 x 19 mm
Key Parameters (T
C = 25˚C unless otherwise specified)
Symbol Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Note
VDSmax Drain-Source Voltage
1200
V
VGSmax Gate-Source Voltage, Maximum Value
-4
+19
AC frequency ≥ 1 Hz
Note 1
VGSop
Gate-Source Voltage, Recommended
Operating Value
-4
+15
Static
IDS
DC Continuous Drain Current
395
A
VGS = 15 V, TC= 25 ˚C, TVJ ≤ 175 ˚C Fig. 20
298
VGS = 15 V, TC= 90 ˚C, TVJ ≤ 175 ˚C Note 2
ISD
DC Source-Drain Current
395
VGS = 15 V, TC= 25 ˚C, TVJ ≤ 175 ˚C
ISDBD
DC Source-Drain Current (Body Diode)
220
VGS = - 4 V, TC= 25 ˚C, TVJ ≤ 175 ˚C
IDSpulsed Maximum Pulsed Drain-Source Current
800
t
P max limited by Tj max
VGS = 15 V, TC= 25 ˚C
ISDpulsed Maximum Pulsed Source-Drain Current
800
TVJop
Maximum Virtual Junction
Temperature under Switching
Conditions
-40
175
°C
Note 1
If MOSFET body diode is not used, V
GS max = -8/+19 V
Note 2
Assumes R
TH JC = 0.15 °C/W and RDS on = 6.4 mΩ. Calculate PD = (TVJ – TC) / RTH JC. Calculate ID max = √(PD / RDS on)


Podobny numer części - CAB400M12XM3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
More results

Podobny opis - CAB400M12XM3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CAB400M12XM3 CREE-CAB400M12XM3 Datasheet
801Kb / 9P
1200 V, 400 A All-Silicon Carbide Switching-Loss Optimized, Half-Bridge Module
logo
WOLFSPEED, INC.
CAB425M12XM3 WOLFSPEED-CAB425M12XM3 Datasheet
774Kb / 9P
1200 V, 425 A All-Silicon Carbide Switching-Optimized, Half-Bridge Module
Rev. -, 2020-01-28
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAS120M12BM2 WOLFSPEED-CAS120M12BM2 Datasheet
968Kb / 11P
1200 V, 120 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 1, 2020-11-11
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
CAS480M12HM3 WOLFSPEED-CAS480M12HM3 Datasheet
1Mb / 11P
1200 V, 480 A, Silicon Carbide High-Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2022-02-25
EAB450M12XM3 WOLFSPEED-EAB450M12XM3 Datasheet
1Mb / 11P
Automotive Qualified 1200 V, 450 A All-Silicon Carbide Conduction-Optimized, Half-Bridge Module
Rev. A 2020-10-07
WAB300M12BM3 WOLFSPEED-WAB300M12BM3 Datasheet
1Mb / 12P
1200 V, 300 A All-Silicon Carbide THB-80 Qualified, Switching Optimized, Half-Bridge Module
Rev. A 2020-05-20
WAB400M12BM3 WOLFSPEED-WAB400M12BM3 Datasheet
1Mb / 12P
1200 V, 400 A All-Silicon Carbide THB-80 Qualified, Conduction Optimized, Half-Bridge Module
Rev. A 2020-05-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com