Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STE100A Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części STE100A
Szczegółowy opis  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 15Page - STMicroelectronics STE100A Datasheet HTML 16Page - STMicroelectronics STE100A Datasheet HTML 17Page - STMicroelectronics STE100A Datasheet HTML 18Page - STMicroelectronics STE100A Datasheet HTML 19Page - STMicroelectronics STE100A Datasheet HTML 20Page - STMicroelectronics STE100A Datasheet HTML 21Page - STMicroelectronics STE100A Datasheet HTML 22Page - STMicroelectronics STE100A Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
STE10/100A
Functional description
19/82
3.4
Receive scheme and receive early interrupt scheme
The following figure shows the difference of timing without early interrupt and with early
interrupt.
Figure 12.
Receive data flow (without early interrupt and with early interrupt)
Figure 13.
Detailed receive early interrupt flow
Incoming packet
Receive FIFO operation
FIFO-to-host memory operation
Interrupt
Driver read header
Higher layer process
Driver read the rest data
Receive early interrupt
Higher layer process (early)
Time
: without early interrupt
: with early interrupt
Driver read the rest data
Finish time
Finish time
Driver read header (early)
PC00357
FIFO-to-host memory operation
Receive early interrupt
Driver read header (early)
Higher layer process (early)
Driver read the rest data
Finish
1st
descriptor
full
2descriptor
The size of 1st
descriptor is
programmed as the
header size in
advance
Issue 2
interrupt at end
of packet
Time
PC00358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82