| Zakładka z wyszukiwarką danych komponentów |
|
WM8721SEDS/R Arkusz danych(PDF) 13 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8721SEDS/R Arkusz danych(HTML) 13 Page - Wolfson Microelectronics plc |
|
13 / 37 page ![]() Production Data WM8721 / WM8721L w PD Rev 4.0 November 2004 13 VMID LINEOUT FROM DAC TO HEADPHONE AMP DACSEL Figure 8 Line Output Schematic The line output is muted by either programming the DACMU (digital) bit as per table 2, or by writing to the DACSEL (analogue) bit as per table 3. Whenever the DAC is muted or the device placed into standby mode the DC voltage is maintained at the line outputs to prevent any audible clicks from being present. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 0000100 Analogue Audio Path Control 4 DACSEL 0 DAC Select 1 = Select DAC 0 = Don’t select DAC Table 3 Output Software Control The recommended external components are shown in Figure 9. AGND R1 C1 AGND LINEOUT R2 Figure 9 Line Outputs Application Drawing Recommended values are C1 = 10 µF, R1 = 47k, R2 = 100Ω C1 forms a DC blocking capacitor to the line outputs. R1 prevents the output voltage from drifting so protecting equipment connected to the line output. R2 forms a de-coupling resistor preventing abnormal loads from disturbing the device. Note that poor choice of dielectric material for C1 can have dramatic effects on the measured signal distortion at the output. |