| Zakładka z wyszukiwarką danych komponentów |
|
WM8721SEDS/R Arkusz danych(PDF) 21 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8721SEDS/R Arkusz danych(HTML) 21 Page - Wolfson Microelectronics plc |
|
21 / 37 page ![]() Production Data WM8721 / WM8721L w PD Rev 4.0 November 2004 21 As a master mode device the WM8721 controls the sequencing of data transfer (DACDAT) and output of clocks (BCLK, DACLRC) over the digital audio interface. It uses the timing generated from the MCLK input as the reference for the clock and data transitions. This is illustrated in Figure 16. DACDAT is always an input to the WM8721 independent of master or slave mode. BCLK DACDAT DACLRC WM8721 DAC DSP DECODER Figure 16 Master Mode As a slave device the WM8721 sequences the data transfer (DACDAT) over the digital audio interface in response to the external applied clocks (BCLK, DACLRC). This is illustrated in Figure 17. BCLK DACDAT DACLRC WM8721 DAC DSP DECODER Figure 17 Slave Mode Note that the WM8721 relies on controlled phase relationships between audio interface BCLK, DACLRC and the master MCLK. To avoid any timing hazards, refer to the timing section for detailed information. AUDIO DATA SAMPLING RATES The WM8721 provides for two modes of operation (normal and USB) to generate the required DAC sampling rates. Normal and USB modes are programmed under software control according to the table below. In Normal mode, the user controls the sample rate by using an appropriate MCLK frequency and the sample rate control register setting. The WM8721 can support sample rates from 8ks/s up to 96ks/s. In USB mode, the user must use a fixed MLCK frequency of 12MHz to generate sample rates from 8ks/s to 96ks/s. It is called USB mode since the common USB (Universal Serial Bus) clock is at 12MHz and the WM8721 can be directly used within such systems. WM8721 can generate all the normal audio sample rates from this one Master Clock frequency, removing the need for different master clocks or PLL circuits. |