| Zakładka z wyszukiwarką danych komponentów |
|
ES9039MPRO Arkusz danych(PDF) 29 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9039MPRO Arkusz danych(HTML) 29 Page - ESS Technology,Inc |
|
29 / 95 page ![]() ES9039MPRO & ES9039PRO Datasheet CONFIDENTIAL ADVANCE INFORMATION 0.2.1 29 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM Absolute Maximum Ratings Table 3 – Absolute Maximum Ratings WARNING: Stresses beyond those listed under here may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device. IO Electrical Characteristics PARAMETER SYMBOL MINIMUM MAXIMUM UNIT COMMENTS High-level input voltage VIH (AVDD / 2) + 0.4 V Low-level input voltage VIL 0.4 V High-level output voltage VOH AVDD – 0.2 V Low-level output voltage VOL 0.2 V Table 4 – IO electrical characteristics PARAMETER RATING Positive Supply Voltage • AVCC_L • AVCC_R • AVDD • VCCA • DVDD • +3.7V with respect to Ground • +3.7V with respect to Ground • +3.7V with respect to Ground • +3.7V with respect to Ground • +1.4V with respect to Ground Storage temperature –65 C to +150C Operating Junction Temperature +125 C Voltage range for digital input pins –0.3V to AVDD(nom)+0.3V ESD Protection Human Body Model (HBM) Charge Device Model (CDM) TBD TBD |