Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES9039MPRO Arkusz danych(PDF) 73 Page - ESS Technology,Inc

Numer części ES9039MPRO
Szczegółowy opis  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ESS [ESS Technology,Inc]
Strona internetowa  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MPRO Arkusz danych(HTML) 73 Page - ESS Technology,Inc

Back Button ES9039MPRO Datasheet HTML 69Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 70Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 71Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 72Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 73Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 74Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 75Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 76Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 77Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
ES9039MPRO & ES9039PRO Datasheet
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
73
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register 88: FILTER SHAPE
Bits
[7:3]
[2:0]
Default
5'd12
3'd0
Bits
Mnemonic
Description
[7:3]
RESERVED
NA
[2:0]
FILTER_SHAPE
Selects the 8x interpolation FIR filter shape.
•
3'd0: Minimum phase (default)
•
3'd1: Linear phase apodizing
•
3'd2: Linear phase fast roll-off
•
3'd4: Linear phase slow roll-off
•
3'd5: Minimum phase fast roll-off
•
3'd6: Minimum phase slow roll-off
•
3'd7: Minimum phase slow roll-off low dispersion
Register 89: IIR BANDWIDTH & S/PDIF Select
Bits
[7:4]
[3]
[2:0]
Default
4'd0
1'b0
3'd4
Bits
Mnemonic
Description
[7:4]
SPDIF_SEL
Selects the S/PDIF data input pin
•
4'd1: GPIO1
•
4'd2: GPIO2
•
4'd3: GPIO3
•
4'd4: DATA1
•
4'd5: DATA2
•
4'd6: DATA3
•
4'd7: DATA4/GPIO4
•
4'd8: DATA5/GPIO5
•
4'd9: DATA6/GPIO6
•
4'd10: DATA7/GPIO7
•
4'd11: DATA8/GPIO8
•
Others: Reserved
Note: GPIOx pins also require the GPIO input to be enabled
[3]
VOLUME_HOLD
Hold volume coefficients to allow for all channels to update at same time
[2:0]
IIR_BW
Controls the IIR bandwidth in the digital data path
•
3’d0: Not valid
•
3’d1: BW*8 (Maximum bandwidth)
•
3’d2: BW*4
•
3’d3: BW*2
•
3’d4: Default BW
•
3’d5: BW/2
•
3’d6: BW/4
•
3’d7: BW/8 (Minimum bandwidth)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95