| Zakładka z wyszukiwarką danych komponentów |
|
ES9039SPRO Arkusz danych(PDF) 73 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9039SPRO Arkusz danych(HTML) 73 Page - ESS Technology,Inc |
|
73 / 95 page ![]() ES9039MPRO & ES9039PRO Datasheet CONFIDENTIAL ADVANCE INFORMATION 0.2.1 73 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM Register 88: FILTER SHAPE Bits [7:3] [2:0] Default 5'd12 3'd0 Bits Mnemonic Description [7:3] RESERVED NA [2:0] FILTER_SHAPE Selects the 8x interpolation FIR filter shape. • 3'd0: Minimum phase (default) • 3'd1: Linear phase apodizing • 3'd2: Linear phase fast roll-off • 3'd4: Linear phase slow roll-off • 3'd5: Minimum phase fast roll-off • 3'd6: Minimum phase slow roll-off • 3'd7: Minimum phase slow roll-off low dispersion Register 89: IIR BANDWIDTH & S/PDIF Select Bits [7:4] [3] [2:0] Default 4'd0 1'b0 3'd4 Bits Mnemonic Description [7:4] SPDIF_SEL Selects the S/PDIF data input pin • 4'd1: GPIO1 • 4'd2: GPIO2 • 4'd3: GPIO3 • 4'd4: DATA1 • 4'd5: DATA2 • 4'd6: DATA3 • 4'd7: DATA4/GPIO4 • 4'd8: DATA5/GPIO5 • 4'd9: DATA6/GPIO6 • 4'd10: DATA7/GPIO7 • 4'd11: DATA8/GPIO8 • Others: Reserved Note: GPIOx pins also require the GPIO input to be enabled [3] VOLUME_HOLD Hold volume coefficients to allow for all channels to update at same time [2:0] IIR_BW Controls the IIR bandwidth in the digital data path • 3’d0: Not valid • 3’d1: BW*8 (Maximum bandwidth) • 3’d2: BW*4 • 3’d3: BW*2 • 3’d4: Default BW • 3’d5: BW/2 • 3’d6: BW/4 • 3’d7: BW/8 (Minimum bandwidth) |