Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES9822PRO Arkusz danych(PDF) 45 Page - ESS Technology,Inc

Numer części ES9822PRO
Szczegółowy opis  32-bit High-Performance 2-Channel ADC
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ESS [ESS Technology,Inc]
Strona internetowa  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9822PRO Arkusz danych(HTML) 45 Page - ESS Technology,Inc

Back Button ES9822PRO Datasheet HTML 41Page - ESS Technology,Inc ES9822PRO Datasheet HTML 42Page - ESS Technology,Inc ES9822PRO Datasheet HTML 43Page - ESS Technology,Inc ES9822PRO Datasheet HTML 44Page - ESS Technology,Inc ES9822PRO Datasheet HTML 45Page - ESS Technology,Inc ES9822PRO Datasheet HTML 46Page - ESS Technology,Inc ES9822PRO Datasheet HTML 47Page - ESS Technology,Inc ES9822PRO Datasheet HTML 48Page - ESS Technology,Inc ES9822PRO Datasheet HTML 49Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 126 page
background image
0.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
45
ES9822 PRO Product Datasheet
0x74
116
ADC CH1 PROG
FILTER COEFF
ADC1_PROG_COEFF_IN
0x75
117
ADC CH1 PROG
FILTER COEFF
ADC1_PROG_COEFF_IN
0x76
118
ADC CH2 DATAPATH
CONTROL
ADC2_BYPASS_FI
R2X
ADC2_BYPASS_FI
R4X
RESERVED
ADC2_ENABLE_D
C_BLOCKING
RESERVED
ADC2_NEG_SEL
0x77
119
ADC CH2 THD COMP
CONFIG
ADC2_CORRECTION_ADDR
ADC2_CORREC
TION_WE
ADC2_ENABLE_TH
D_COMP
0x78
120
ADC CH2 THD COMP
DATA
ADC2_CORRECTION_DATA
0x79
121
ADC CH2 THD COMP
DATA
ADC2_CORRECTION_DATA
0x7A
122
ADC CH2 PEAK
DETECTOR CONFIG
ADC2_LOCK_PEA
K
ADC2_DECAY_RATE
RESERVED
ADC2_ENABLE_PE
AK_DETECT
0x7B
123
ADC CH2 PEAK
DETECTOR LEVEL
ADC2_CLIP_LEVEL
0x7C
124
ADC CH2 DC OFFSET
ADC2_DC_OFFSET
0x7D
125
ADC CH2 DC OFFSET
ADC2_DC_OFFSET
0x7E
126
ADC CH2 VOLUME
ADC2_VOLUME
0x7F
127
ADC CH2 VOLUME
ADC2_VOLUME
0x80
128
ADC CH2 VOLUME
RATE
ADC2_VOLUME_RATE
0x81
129
ADC CH2 SCALE
RESERVED
ADC2_DATA_SCALE
0x82
130
ADC CH2 PROG
FILTER
RESERVED
ADC2_FILTER_SHAPE
ADC2_PROG_C
OEFF_WRITE_E
N
ADC2_PROG_COEF
F_EN
0x83
131
ADC CH2 PROG
FILTER COEFF ADDR
ADC2_PROG_CO
EFF_STAGE
ADC2_PROG_COEFF_ADDR
0x84
132
ADC CH2 PROG
FILTER COEFF
ADC2_PROG_COEFF_IN
0x85
133
ADC CH2 PROG
FILTER COEFF
ADC2_PROG_COEFF_IN
0x86
134
ADC CH2 PROG
FILTER COEFF
ADC2_PROG_COEFF_IN
0x87
135
ADC CH1B DATAPATH
CONTROL
RESERVED
ADC1B_NEG_SEL
0x88-
0x97
136-
151
RESERVED
RESERVED
0x98
152
ADC CH2B DATAPATH
CONTROL
RESERVED
ADC2B_NEG_SEL
0xC0
192
SOFT RESET
AO_SOFT_RESET
RESERVED
0xC1
193
CLK SELECT
RESERVED
SEL_SYSCLK_IN
EN_ANA_CLKIN
0xC2
194
ADC CLOCK DIVIDE
RESERVED
SEL_CLK_DIV
0xC3-
CB
195-
203
RESERVED
RESERVED
0xE0
224
READ SYSTEM
REGISTER 0
RESERVED
MODE
ADDR2
ADDR1
RESERVED
0xE1
225
CHIP ID
CHIP_ID
0xE2-
0xE4
226-
228
RESERVED
RESERVED
0xE5
229
CLIP FLAG
RESERVED
CLIP_FLAG_CH
2
CLIP_FLAG_CH1
0xE6
230
RESERVED
RESERVED
0xE7
231
READ SYSTEM
REGISTER 5
ASP2_INIT_DONE
ASP1_INIT_DONE
RESERVED
TDM_VALID
RESERVED
0xE8
232
GPIO READBACK
REGISTERS
GPIO8_READBAC
K
GPIO7_READBAC
K
GPIO6_READBACK
GPIO5_READ
BACK
GPIO4_READBA
CK
GPIO3_READBAC
K
GPIO2_READBA
CK
GPIO1_READBACK
0xE9
233
GPIO READBACK
REGISTERS
RESERVED
GPIO11_READBA
CK
GPIO10_READB
ACK
GPIO9_READBACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More