Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCP2809BDMR2G Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części NCP2809BDMR2G
Szczegółowy opis  NOCAP 135 mW Stereo Headphone Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809BDMR2G Arkusz danych(HTML) 6 Page - ON Semiconductor

Back Button NCP2809BDMR2G Datasheet HTML 2Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 3Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 4Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 5Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 6Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 7Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 8Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 9Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NCP2809 Series
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS All the parameters are given in the capless configuration (typical application).
The following parameters are given for the NCP2809A and NCP2809B mounted externally with 0 dB gain, unless otherwise noted.
(For typical values TA = 25°C, for min and max values TA = −40°C to 85°C, TJmax = 125°C, unless otherwise noted.)
Characteristic
Symbol
Conditions
Min
(Note 7)
Typ
Max
(Note 7)
Unit
Positive Supply Rejection Ratio
PSRR V+
RL = 16 W
Vpripple_pp = 200 mV
Cby = 1.0 mF
Input Terminated with 10
W
NCP2809A
F = 217 Hz
Vp = 5.0 V
Vp = 2.4 V
F = 1.0 kHz
Vp = 5.0 V
Vp = 2.4 V
−73
−82
−73
−85
dB
Positive Supply Rejection Ratio
PSRR V+
RL = 16 W
Vpripple_pp = 200 mV
Cby = 1.0 mF
Input Terminated with 10
W
NCP2809B
with 0 dB External Gain
F = 217 Hz
Vp = 5.0 V
Vp = 2.4 V
F = 1.0 kHz
Vp = 5.0 V
Vp = 2.4 V
−80
−82
−81
−81
dB
Efficiency
h
VP = 5.0 V, RL = 16 W = 135 mW
63
%
Thermal Shutdown Temperature
(Note 8)
Tsd
160
°C
Total Harmonic Distortion + Noise
(Note 9)
THD+N
VP = 2.4 V, f = 1.0 kHz
RL = 16 W, Pout = 20 mW
RL = 32 W, Pout = 15 mW
VP = 5.0 V, f = 1.0 kHz
RL = 16 W, Pout = 120 mW
RL = 32 W, Pout = 70 mW
0.006
0.004
0.005
0.003
%
7. Min/Max limits are guaranteed by production test.
8. This thermal shutdown is made with an hysteresis function. Typically, the device turns off at 160
°C and turns on again when the junction
temperature is less than 140
°C.
9. The outputs of the device are sensitive to a coupling capacitor to Ground. To ensure THD+N at very low level for any sort of headset
(16
W or 32 W), outputs (OUT_R, OUT_L, OUT_I and REF_I) must not be grounded with more than 500 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com