Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCP2809BDMR2G Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części NCP2809BDMR2G
Szczegółowy opis  NOCAP 135 mW Stereo Headphone Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2809BDMR2G Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button NCP2809BDMR2G Datasheet HTML 4Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 5Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 6Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 7Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 8Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 9Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 10Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 11Page - ON Semiconductor NCP2809BDMR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP2809 Series
http://onsemi.com
8
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
10
30
40
50
020
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
10
20
30
35
0
515
25
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
0.001
0.01
0.1
1
10
0
20
40
60
80
100
120
140
160
Figure 12. THD+N vs. Power Out
Vp = 5.0 V, RL = 16 W, 1.0 kHz
Figure 13. THD+N vs. Power Out
Vp = 5.0 V, RL = 32 W, 1.0 kHz
0
10
203040
50607080
90
Figure 14. THD+N vs. Power Out
Vp = 3.3 V, RL = 16 W, 1.0 kHz
Figure 15. THD+N vs. Power Out
Vp = 3.3 V, RL = 32 W, 1.0 kHz
10
20
30
40
Figure 16. THD+N vs. Power Out
Vp = 3.0 V, RL = 16 W, 1.0 kHz
Figure 17. THD+N vs. Power Out
Vp = 3.0 V, RL = 32 W, 1.0 kHz
OUTPUT POWER (mW)
0.001
0.01
0.1
1
10
0
OUTPUT POWER (mW)
0.001
0.01
0.1
1
10
OUTPUT POWER (mW)
0
10
30
40
50
020
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com