Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA2151 Arkusz danych(PDF) 6 Page - Allegro MicroSystems

Numer części 2SA2151
Szczegółowy opis  Audio Amplification Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2SA2151 Arkusz danych(HTML) 6 Page - Allegro MicroSystems

  2SA2151 Datasheet HTML 1Page - Allegro MicroSystems 2SA2151 Datasheet HTML 2Page - Allegro MicroSystems 2SA2151 Datasheet HTML 3Page - Allegro MicroSystems 2SA2151 Datasheet HTML 4Page - Allegro MicroSystems 2SA2151 Datasheet HTML 5Page - Allegro MicroSystems 2SA2151 Datasheet HTML 6Page - Allegro MicroSystems 2SA2151 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Audio Amplification Transistor
2SA2151
6
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between adjacent products, and
shorts to the heatsink.
Remarks About Using Silicone Grease with a Heatsink
When silicone grease is used in mounting this product on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce stress.
Coat the back surface of the product and both surfaces of the
insulating plate to improve heat transfer between the product and
the heatsink.
Volatile-type silicone greases may permeate the product and
produce cracks after long periods of time, resulting in reduced
heat radiation effect, and possibly shortening the lifetime of the
product.
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
GE Toshiba Silicone Co., Ltd.
SC102
Dow Corning Toray Silicone Co., Ltd.
Heatsink Mounting Method
Torque When Tightening Mounting Screws. Thermal resistance
increases when tightening torque is low, and radiation effects are
decreased. When the torque is too high, the screw can strip, the
heatsink can be deformed, and distortion can arise in the product frame.
To avoid these problems, observe the recommended tightening torques
for this product package type, TO-3P (MT-100): 0.686 to 0.882 N•m (7
to 9 kgf•cm).
Diameter of Heatsink Hole: < 4 mm. The deflection of the press mold
when making the hole may cause the case material to crack at the joint
with the heatsink. Please pay special attention for this effect.
Soldering
When soldering the products, please be sure to minimize the
working time, within the following limits:
260±5°C 10 s
350±5°C
3 s
Soldering iron should be at a distance of at least 1.5 mm from the
body of the products
Electrostatic Discharge
When handling the products, operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance to ground to prevent shock hazard.
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
When soldering the products, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the products.
The products should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.
WARNING
— These devices are designed to be operated at lethal voltages and energy levels. Circuit designs
that embody these components must conform with applicable safety requirements. Precautions must be
taken to prevent accidental contact with power-line potentials. Do not connect grounded test equipment.
The use of an isolation transformer is recommended during circuit development and breadboarding.
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com