| Zakładka z wyszukiwarką danych komponentów |
|
AM263P4 Arkusz danych(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P4 Arkusz danych(HTML) 82 Page - Texas Instruments |
|
82 / 154 page ![]() 6.10 Thermal Resistance Characteristics This section provides the thermal resistance characteristics used on this device. For reliability and operability concerns, the maximum junction temperature of the device has to be at or below the TJ value identified in Section 6.5, Recommended Operating Conditions. 6.10.1 Package Thermal Characteristics It is recommended to perform thermal simulations at the system level with the worst-case device power consumption. PARAMETER DESCRIPTION ℃/W(1) (2) AIR FLOW (m/s) (3) RΘJC Junction-to-case 5.4 N/A RΘJB Junction-to-board 5.4 N/A RΘJA Junction-to-free air 18.5 0 RΘJA Junction-to-moving air TBD 1 TBD 2 TBD 3 ΨJT Junction-to-package top 0.1 0 TBD 1 TBD 2 TBD 3 ΨJB Junction-to-board 5.3 0 TBD 1 TBD 2 TBD 3 (1) These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these EIA/JEDEC standards: • JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air) • JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air) • JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages • JESD51-9, Test Boards for Area Array Surface Mount Packages (2) ℃/W = degrees Celsius per watt (3) m/s = meters per second TI Information - Selective Disclosure AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81 – OCTOBER 2023 www.ti.com 82 Submit Document Feedback Copyright © 2023 Texas Instruments Incorporated |