Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L033MU01VI Arkusz danych(PDF) 23 Page - SPANSION

Numer części L033MU01VI
Szczegółowy opis  32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPANSION [SPANSION]
Strona internetowa  http://www.spansion.com
Logo SPANSION - SPANSION

L033MU01VI Arkusz danych(HTML) 23 Page - SPANSION

Back Button L033MU01VI Datasheet HTML 19Page - SPANSION L033MU01VI Datasheet HTML 20Page - SPANSION L033MU01VI Datasheet HTML 21Page - SPANSION L033MU01VI Datasheet HTML 22Page - SPANSION L033MU01VI Datasheet HTML 23Page - SPANSION L033MU01VI Datasheet HTML 24Page - SPANSION L033MU01VI Datasheet HTML 25Page - SPANSION L033MU01VI Datasheet HTML 26Page - SPANSION L033MU01VI Datasheet HTML 27Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
September 12, 2006
Am29LV033MU
21
DA TA
SH EET
Table 6.
CFI Query Identification String
Table 7.
System Interface String
Addresses
Data
Description
10h
11h
12h
51h
52h
59h
Query Unique ASCII string “QRY”
13h
14h
02h
00h
Primary OEM Command Set
15h
16h
40h
00h
Address for Primary Extended Table
17h
18h
00h
00h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
00h
00h
Address for Alternate OEM Extended Table (00h = none exists)
Addresses
Data
Description
1Bh
27h
V
CC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
36h
V
CC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
00h
V
PP Min. voltage (00h = no VPP pin present)
1Eh
00h
V
PP Max. voltage (00h = no VPP pin present)
1Fh
07h
Typical timeout per single byte write 2
N µs
20h
07h
Typical timeout for Min. size buffer write 2
N µs (00h = not supported)
21h
0Ah
Typical timeout per individual block erase 2
N ms
22h
00h
Typical timeout for full chip erase 2
N ms (00h = not supported)
23h
01h
Max. timeout for byte write 2
N times typical
24h
05h
Max. timeout for buffer write 2
N times typical
25h
04h
Max. timeout per individual block erase 2
N times typical
26h
00h
Max. timeout for full chip erase 2
N times typical (00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com