Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L033MU01VI Arkusz danych(PDF) 24 Page - SPANSION

Numer części L033MU01VI
Szczegółowy opis  32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPANSION [SPANSION]
Strona internetowa  http://www.spansion.com
Logo SPANSION - SPANSION

L033MU01VI Arkusz danych(HTML) 24 Page - SPANSION

Back Button L033MU01VI Datasheet HTML 20Page - SPANSION L033MU01VI Datasheet HTML 21Page - SPANSION L033MU01VI Datasheet HTML 22Page - SPANSION L033MU01VI Datasheet HTML 23Page - SPANSION L033MU01VI Datasheet HTML 24Page - SPANSION L033MU01VI Datasheet HTML 25Page - SPANSION L033MU01VI Datasheet HTML 26Page - SPANSION L033MU01VI Datasheet HTML 27Page - SPANSION L033MU01VI Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
22
Am29LV033MU
September 12, 2006
DA TA
SH EET
Table 8.
Device Geometry Definition
Addresses
Data
Description
27h
16h
Device Size = 2
N byte
28h
29h
00h
00h
Flash Device Interface description (refer to CFI publication 100)
(00h not supported)
2Ah
2Bh
05h
00h
Max. number of byte in multi-byte write = 2
N
(00h = not supported)
2Ch
01h
Number of Erase Block Regions within device (01h = uniform device, 02h = boot
device)
2Dh
2Eh
2Fh
30h
3Fh
00h
00h
01h
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
31h
32h
33h
34h
00h
00h
00h
00h
Erase Block Region 2 Information (refer to CFI publication 100)
35h
36h
37h
38h
00h
00h
00h
00h
Erase Block Region 3 Information (refer to CFI publication 100)
39h
3Ah
3Bh
3Ch
00h
00h
00h
00h
Erase Block Region 4 Information (refer to CFI publication 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com