Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1F1 Arkusz danych(PDF) 3 Page - SMC Diode Solutions Co. LTD

Numer części 1F1
Szczegółowy opis  FAST RECOVERY RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMCDIODE [SMC Diode Solutions Co. LTD]
Strona internetowa  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

1F1 Arkusz danych(HTML) 3 Page - SMC Diode Solutions Co. LTD

  1F1 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 1F1 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 1F1 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 1F1 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0429, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
1F1-1F7
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions R-1
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
25.4
-
1.000
-
B
2.9
3.5
0.114
0.140
C
0.55
0.65
0.021
0.025
D
2.3
2.6
0.091
0.102
Ordering Information
Marking Diagram
Device
Package
Shipping
1F1-1F7
R-1
(Pb-Free)
5000pcs / tape
Carrier Tape Specification R-1
SYMBOL
Millimeters
Min.
Max.
A
9.5
10.5
B
50.9
53.9
Z
-
1.20
T
5.60
6.40
E
-
0.80
IL1-L2I
-
1.0
Where XXXXX is YYWWL
1F1
= Part Name
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com