Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1F1 Arkusz danych(PDF) 1 Page - SMC Diode Solutions Co. LTD

Numer części 1F1
Szczegółowy opis  FAST RECOVERY RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMCDIODE [SMC Diode Solutions Co. LTD]
Strona internetowa  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

1F1 Arkusz danych(HTML) 1 Page - SMC Diode Solutions Co. LTD

  1F1 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD 1F1 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD 1F1 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD 1F1 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0429, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
1F1-1F7
1F1 THRU 1F7
FAST RECOVERY RECTIFIERS
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Amperes
Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%.
Note: 1. Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length, P.C.B. mounted
Features
Circuit Diagram
Mechanical Data
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
1F1
1F2
1F3
1F4
1F5
1F6
1F7
Units
Maximum repetitive peak reverse voltage
Maximum DC blocking voltage
VRRM
VDC
5
50
1
100
2
200
4
400
6
600
8
800
1
1000
V
Maximum RMS voltage
VRMS
3
35
7
70
1
140
2
280
4
420
5
560
1
700
V
Maximum average forward rectified current
0.375”(9.5mm) lead length at @TA = 25°C
I(AV)
1.0
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
25.0
A
Maximum instantaneous forward voltage at 1.0A
VF
1.3
V
Maximum DC reverse current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IRM
5.0
50
µA
Maximum reverse recovery time (Note 1)
trr
150
250
500
ns
Typical Junction Capacitance (Note 2)
CJ
15
pF
Typical Thermal Resistance Junction to
Ambient (Note 3)
RθJA
50
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
Case: R-1 molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.007 ounce, 0.20 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed: 260℃/10
seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
R-1


Podobny numer części - 1F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1F1 PANJIT-1F1 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
1F1 RECTRON-1F1 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER
logo
Dc Components
1F1 DCCOM-1F1 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
logo
Formosa MS
1F1 FORMOSA-1F1 Datasheet
33Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
1F1 GOOD-ARK-1F1 Datasheet
155Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results

Podobny opis - 1F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com