Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558 Arkusz danych(PDF) 8 Page - NXP Semiconductors

Numer części P83CE558
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558 Arkusz danych(HTML) 8 Page - NXP Semiconductors

Back Button P83CE558 Datasheet HTML 4Page - NXP Semiconductors P83CE558 Datasheet HTML 5Page - NXP Semiconductors P83CE558 Datasheet HTML 6Page - NXP Semiconductors P83CE558 Datasheet HTML 7Page - NXP Semiconductors P83CE558 Datasheet HTML 8Page - NXP Semiconductors P83CE558 Datasheet HTML 9Page - NXP Semiconductors P83CE558 Datasheet HTML 10Page - NXP Semiconductors P83CE558 Datasheet HTML 11Page - NXP Semiconductors P83CE558 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
8
5.
ELECTROMAGNETIC COMPATIBILITY (EMC)
IMPROVEMENTS
Primary attention was paid on the reduction of electromagnetic
emission of the microcontroller P8xCE558.
The following features effect in reducing the electromagnetic
emission and additionally improve the electromagnetic susceptibility:
• Four supply voltage pins (V
DD) and four ground pins (VSS) with
pairs of VDD and VSS at two adjacent pins at each side of the
package.
• Separated V
DD pins for the internal logic and the port buffers
• Internal decoupling capacitance improves the EMC radiation
behavior and the EMC immunity
• External capacitors are to be located as close as possible
between pins VDD1 and VSS1, VDD2 and VSS2, VDD3 and VSS3 as
well as VDD4 and VSS4 ; ceramic chip capacitors are
recommended (100nF).
Useful in applications that require no external memory or temporarily
no external memory:
• The ALE output signal (pulses at a frequency of f
CLK/6) can be
disabled under software control (bit 5 in the SFR PCON: “RFI”); if
disabled, no ALE pulse will occur. ALE pin will be pulled down
internally, switching an external address latch to a quiet state.
The MOVX instruction will still toggle ALE (external data memory
is accessed). ALE will retain its normal HIGH value during Idle
Mode and a LOW value during Power-down mode while in the
“RFI” reduction mode. Additionally during internal access
(EA = 1) ALE will toggle normally when the address exceeds the
internal program memory size. During external access (EA = 0)
ALE will always toggle normally, whether the flag “RFI” is set or
not.
6.
FUNCTIONAL DESCRIPTION
6.1
General
The P8xCE558 is a stand-alone high-performance microcontroller
designed for use in real time applications such as instrumentation,
industrial control, medium to high-end consumer applications and
specific automotive control applications.
In addition to the 80C51 standard functions, the device provides a
number of dedicated hardware functions for these applications.
The P8xCE558 is a control-oriented CPU with on-chip program and
data memory. It can be extended with external program memory up
to 64 Kbytes. It can also access up to 64 Kbytes of external data
memory. For systems requiring extra capability, the P8xCE558 can
be expanded using standard memories and peripherals.
The P8xCE558 has two software selectable modes of reduced
activity for further power reduction – Idle and Power-down. The Idle
Mode freezes the CPU while allowing the RAM, timers, serial ports
and interrupt system to continue functioning. The Power-down Mode
saves the RAM contents but freezes the oscillator causing all other
chip functions to be inoperative. The Power-down Mode can be
terminated by an external Reset, by the seconds interrupt and by
any one of the two external interrupts. (See description Wake-up
from Power-down Mode.)
6.2
Memory organization
The central processing unit (CPU) manipulates operands in three
memory spaces; these are the 64 Kbytes external data memory,
1024 bytes internal data memory (consisting of 256 bytes standard
RAM and 768 bytes AUX-RAM) and the 32 Kbytes internal and/or
64 Kbytes external program memory (see Figure 4).
Program Memory
64 K
DIRECT AND
INDIRECT
Internal
Data Memory
External
64 K
Internal
(EA = 1)
External
(EA = 0)
255
127
0
Special
Function
Registers
Overlapped
Space
0
External
Data Memory
32768
32767
0
INDIRECT
ONLY
0
32767
768
(ARD = 1)
(ARD = 0)
AUXILIARY
RAM
Figure 4. Memory map & address space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72