Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558 Arkusz danych(PDF) 39 Page - NXP Semiconductors

Numer części P83CE558
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558 Arkusz danych(HTML) 39 Page - NXP Semiconductors

Back Button P83CE558 Datasheet HTML 35Page - NXP Semiconductors P83CE558 Datasheet HTML 36Page - NXP Semiconductors P83CE558 Datasheet HTML 37Page - NXP Semiconductors P83CE558 Datasheet HTML 38Page - NXP Semiconductors P83CE558 Datasheet HTML 39Page - NXP Semiconductors P83CE558 Datasheet HTML 40Page - NXP Semiconductors P83CE558 Datasheet HTML 41Page - NXP Semiconductors P83CE558 Datasheet HTML 42Page - NXP Semiconductors P83CE558 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
39
Figure 36. Interrupt enable register (IEN1).
7
6
5
4
3
2
1
0
IEN1 (E8H)
ET2
ECM2
ECM1
ECM0
ECT3
ECT2
ECT1
ECT0
Table 34.
Description of IEN1 bits
SYMBOL
BIT
FUNCTION
ET2
IEN1.7
Enable T2 overflow interrupt(s)
ECM2
IEN1.6
Enable T2 comparator 2 interrupt
ECM1
IEN1.5
Enable T2 comparator 1 interrupt
ECM0
IEN1.4
Enable T2 comparator 0 interrupt
ECT3
IEN1.3
Enable T2 capture register 3 interrupt
ECT2
IEN1.2
Enable T2 capture register 2 interrupt
ECT1
IEN1.1
Enable T2 capture register 1 interrupt
ECT0
IEN1.0
Enable T2 capture register 0 interrupt
If the enable bit is 0, then the interrupt is disabled, if the enable bit is 1, then the interrupt is enabled.
Figure 37. Interrupt priority register (IP0).
7
6
5
4
3
2
1
0
IP0 (B8H)
–
PAD
PS1
PS0
PT1
PX1
PT0
PX0
Table 35.
Description of IP0 bits
SYMBOL
BIT
FUNCTION
–
IP0.7
Reserved for future use
PAD
IP0.6
ADC interrupt priority level
PS1
IP0.5
SIO1 (I2C) interrupt priority level
PS0
IP0.4
SIO0 (UART) interrupt priority level
PT1
IP0.3
Timer 1 interrupt priority level
PX1
IP0.2
External interrupt 1/Seconds interrupt priority level
PT0
IP0.1
Timer 0 interrupt priority level
PX0
IP0.0
External interrupt 0 priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com