Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RC-2MTS-50 Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części RC-2MTS-50
Szczegółowy opis  Millimeter Wave Switch Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-50 Arkusz danych(HTML) 1 Page - Mini-Circuits

  RC-2MTS-50 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Millimeter Wave Switch Matrix
USB & ETHERNET CONTROLLED
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 1 OF 7
RC-2MTS-50
50Ω
DC to 50 GHz
REV. A
ECO-015206
RC-2MTS-50
MCL NY
220928
THE BIG DEAL
y Millimeter wave switching (up to 50 GHz)
y 2 x mechanical transfer / DPDT switches
y Ethernet & USB control
y High reliability, 2 million switch cycles
APPLICATIONS
y 5G FR1 & FR2 node / device testing
y Automated test equipment
y Fail-safe / redundancy switching
y Switch matrices
PRODUCT OVERVIEW
Mini-Circuits’ RC-2MTS-50 comprises of two independently controlled, electro-mechanical transfer switches. Each switch
operates over a wide bandwidth, from DC to 50 GHz with high isolation (65 dB typical), low insertion loss (0.8 dB typical) and
high input power rating. The switches are of a fail-safe and break-before-make-configuration, with a minimum life time of 2
million switching cycles when used within the noted specifications.
The switch box is constructed in a compact, rugged metal case (5.5 x 6.0 x 2.75”) with all 2,4 mm connectors on the front panel.
The switches are controlled via USB or Ethernet, allowing control directly from a PC, or remotely over a network. Full software
support is provided, including our user-friendly GUI application for Windows and a full API with programming instructions for
Windows and Linux environments (both 32-bit and 64-bit systems).
CASE STYLE: SH3109
SOFTWARE PACKAGE
DOWNLOAD
KEY FEATURES
Feature
Advantages
Two transfer switches
Transfer switches provide a simple DPDT switch application (2 input to 2 output switch matrix) and are a useful build-
ing block in much larger switch matrices
Fail-safe design
The switches revert to a known default state when the DC supply is removed, allowing their use in systems that must
continue to operate safely in the event of power failure
Break-before-make configuration
Prevents a momentary connection of the old and new signal paths, reducing the inconsistent transient effects that
could otherwise be observed during switching
USB & Ethernet control
USB HID and Ethernet (HTTP / Telnet) interfaces provide easy compatibility with a wide range of software setups and
programming environments
Full software support
User friendly Windows GUI (graphical user interface) allows manual control straight out of the box, while the com-
prehensive API (application programming interface) with examples and instructions allows easy automation in most
programming environments
See our website for RoHS Compliance
methodologies and qualifications


Podobny numer części - RC-2MTS-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
RF Transfer Switch Matrix
REV. A
RC-2MTS-18 MINI-RC-2MTS-18 Datasheet
993Kb / 8P
RF Transfer Switch Matrix
More results

Podobny opis - RC-2MTS-50

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTA-6430A1 CPI-VTA-6430A1 Datasheet
102Kb / 2P
Millimeter Wave Coupled Cavity TWT
logo
API Delevan
BXHF1200 API-BXHF1200 Datasheet
217Kb / 3P
High Frequency Millimeter-wave Amplifier
logo
Marki Microwave
MMD-2050HSM MARKIMICROWAVE-MMD-2050HSM Datasheet
661Kb / 9P
GaAs MMIC Millimeter Wave Doubler
MMD-2050LSM MARKIMICROWAVE-MMD-2050LSM Datasheet
696Kb / 9P
GaAs MMIC Millimeter Wave Doubler
MMD-2060H MARKIMICROWAVE-MMD-2060H Datasheet
432Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-2060L MARKIMICROWAVE-MMD-2060L Datasheet
450Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-3580L MARKIMICROWAVE-MMD-3580L Datasheet
496Kb / 10P
GaAs MMIC Millimeter Wave Doubler
logo
Mini-Circuits
K1-LFCN-MMW+ MINI-K1-LFCN-MMW+ Datasheet
303Kb / 1P
Millimeter-Wave Low Pass Filters
REV. OR
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com