Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RC-2MTS-50 Arkusz danych(PDF) 6 Page - Mini-Circuits

Numer części RC-2MTS-50
Szczegółowy opis  Millimeter Wave Switch Matrix
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RC-2MTS-50 Arkusz danych(HTML) 6 Page - Mini-Circuits

  RC-2MTS-50 Datasheet HTML 1Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 2Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 3Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 4Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 5Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 6Page - Mini-Circuits RC-2MTS-50 Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Millimeter Wave Switch Matrix
USB & ETHERNET CONTROLLED
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
PAGE 6 OF 7
RC-2MTS-50
50Ω
DC to 50 GHz
y View and set switch states at the click of a button
y Configure and run timed switching sequences
y Set start-up switch state
y Configure Ethernet IP settings
RC-3MTS-40
GRAPHICAL USER INTERFACE (GUI) FOR WINDOWS - KEY FEATURES
y Connect via USB or Ethernet
y Run GUI in “demo mode” to evaluate software without a hardware connection



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com