Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

8738SBA13V81A1F4T Arkusz danych(PDF) 1 Page - Schneider Electric

Numer części 8738SBA13V81A1F4T
Szczegółowy opis  REVERSING COMBINATION STARTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

8738SBA13V81A1F4T Arkusz danych(HTML) 1 Page - Schneider Electric

  8738SBA13V81A1F4T Datasheet HTML 1Page - Schneider Electric 8738SBA13V81A1F4T Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REVERSING COMBINATION
STARTER
8738SBA13V81A1F4T
Product availability: Non-Stock - Not normally stocked in
distribution facility
Main
Product
Combination Starter
Type
S
Control Circuit Type
Control circuit transformer
Control Circuit Fusing
2 fuses primary circuit
Control Units
Push-button FORWARD)
Push-button REVERSE)
Push-button STOP)
Enclosure Type
NEMA 12 painted sheet steel without external reset
Auxiliary Contacts
Without
Horsepower Rating
5 hp 460 V AC, 3 phase
5 hp 575 V AC, 3 phase
Number Of Poles
3P
Maximum Voltage Rating
600 V AC
Nema Size
0
Control Circuit Voltage
120 V AC 60 Hz secondary circuit
480 V AC 60 Hz primary circuit
Pilot Light
No indicator
Starter Type
Reversing
Overload Type
melting alloy
Number Of Thermal Units
Required
3
Disconnect Type
Fusible disconnect H, 30 A
Ordering and shipping details
Category
21291 - 8738,39SB(NOT S*R,S*T,S*W)
Discount Schedule
CP1
Gtin
785901571452
Returnability
No
Country Of Origin
MX
Packing Units
Unit Type Of Package 1
PCE
Number Of Units In Package 1
1
Package 1 Weight
60.00 lb(US) (27.216 kg)
Product data sheet
Specifications
Jan 16, 2024
1
Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.


Podobny numer części - 8738SBA13V81A1F4T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
8738SBA13V07 SCHNEIDER-8738SBA13V07 Datasheet
70Kb / 2P
REVERSING COMBO STARTER 600VAC 18A NEM
Jan 16, 2024
More results

Podobny opis - 8738SBA13V81A1F4T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
8538SEG13V02H30S SCHNEIDER-8538SEG13V02H30S Datasheet
103Kb / 2P
COMBINATION STARTER
Feb 6, 2023
8538SDA24V02CP1P2S SCHNEIDER-8538SDA24V02CP1P2S Datasheet
103Kb / 2P
COMBINATION STARTER
Mar 6, 2023
8538SDW14V81CFF4H20P1T SCHNEIDER-8538SDW14V81CFF4H20P1T Datasheet
65Kb / 2P
COMBINATION STARTER
Mar 9, 2023
8738SCA43V80F4T SCHNEIDER-8738SCA43V80F4T Datasheet
118Kb / 2P
COMBINATION STARTER
Sep 27, 2023
8738SCA44V81F4T SCHNEIDER-8738SCA44V81F4T Datasheet
118Kb / 2P
REVERSING COMBINATION STARTER
Sep 27, 2023
8738SDW36V81A1F4P1T SCHNEIDER-8738SDW36V81A1F4P1T Datasheet
64Kb / 2P
REVERSING COMBINATION STARTER
Oct 5, 2023
8539SCG3V81CF4P21TX11 SCHNEIDER-8539SCG3V81CF4P21TX11 Datasheet
65Kb / 2P
COMBINATION STARTER
Oct 11, 2023
8539SCG3V81CFF4P1P2T SCHNEIDER-8539SCG3V81CFF4P1P2T Datasheet
65Kb / 2P
COMBINATION STARTER
Oct 11, 2023
8739SBG43V01S SCHNEIDER-8739SBG43V01S Datasheet
69Kb / 2P
REVERSING COMBINATION STARTER
Jan 15, 2024
8739SEA52V06 SCHNEIDER-8739SEA52V06 Datasheet
64Kb / 2P
REVERSING COMBINATION STARTER
Jan 15, 2024
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com