| Zakładka z wyszukiwarką danych komponentów |
|
PCF2103EU/2/F2 Arkusz danych(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2103EU/2/F2 Arkusz danych(HTML) 46 Page - NXP Semiconductors |
|
46 / 56 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Table 15 Example of I2C-bus operation; 1-line display (using internal reset, assuming SA0 = VSS; note 1) STEP INSTRUCTION DISPLAY OPERATION 1I2C-bus start initialized; no display appears 2 slave address for write SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/W Ack during the acknowledge cycle SDA will be pulled-down by the PCF2103 011101001 3 send a control byte for ‘function set’ Co RS 0 0 0 0 0 0 Ack control byte sets RS for following data bytes 000000001 4 function set DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack selects 1-line display; SCL pulse during acknowledge cycle starts execution of instruction 0 0 1X0 0 0 0 1 5 display on/off control _ DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack turns on display and cursor; entire display shows character 20H (blank in ASCII-like character sets) 000011101 6 entry mode set _ DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack sets mode to increment the address by 1 and to shift the cursor to the right at the time of write to the DDRAM or CGRAM; display is not shifted 000001101 7I2C-bus start _ for writing data to DDRAM, RS must be set to 1; therefore a control byte is needed 8 slave address for write _ SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/W Ack 011101001 9 send a control byte for ‘write data’ _ Co RS 0 0 0 0 0 0 Ack 010000001 10 ‘write data’ to DDRAM DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack writes ‘P’; the DDRAM has been selected at power-up; the cursor is incremented by 1 and shifted to the right 010100001 P_ |