Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF2103EU/2/F2 Arkusz danych(PDF) 23 Page - NXP Semiconductors

Numer części PCF2103EU/2/F2
Szczegółowy opis  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103EU/2/F2 Arkusz danych(HTML) 23 Page - NXP Semiconductors

Back Button PCF2103EU/2/F2 Datasheet HTML 19Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 20Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 21Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 22Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 23Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 24Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 25Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 26Page - NXP Semiconductors PCF2103EU/2/F2 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
1998 May 11
23
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
8.4
Display control (and partial power-down mode)
8.4.1
D
The display is on when D = 1 and off when D = 0. Display
data in the DDRAM are not affected and can be displayed
immediately by setting D to logic 1.
When the display is off (D = 0) the chip is in partial
power-down mode:
• The LCD outputs are connected to V
SS
• Bias generator is turned off.
3 oscillator cycles are required after sending the
‘display off’ instruction to ensure all outputs are at VSS,
afterwards OSC can be stopped. If the oscillator is running
during partial power-down mode (‘display off’) the chip can
still execute instructions. Even lower current consumption
is obtained by inhibiting the oscillator (OSC = VSS).
To ensure IDD <2 µA the parallel bus pins DB7 to DB0
should be connected to VDD; RS and R/W to VDD or left
open-circuit and PD to VDD. Recovery from power-down
mode: put PD back to logic 0, if necessary put OSC back
to VDD and send a ‘display control’ instruction with D = 1 to
enable the display again.
8.4.2
C
The cursor is displayed when C = 1 and inhibited when
C = 0. Even if the cursor disappears, the display functions
I/D, etc. remain in operation during display data write.
The cursor is displayed using 5 dots in the 8th line (see
Fig.5).
8.4.3
B
The character indicated by the cursor blinks when B = 1.
The cursor character blink is displayed by switching
between display characters and all dots on with a period of
approximately 1 s, with
The cursor underline and the cursor character blink can be
set to display simultaneously.
8.5
Cursor or display shift
‘Cursor/display shift’ moves the cursor position or the
display to the right or left without writing or reading display
data. This function is used to correct a character or move
the cursor through the display. In 2-line displays, the
cursor moves to the next line when it passes the last
position (40) of the line. When the displayed data is shifted
repeatedly all lines shift at the same time; displayed
characters do not shift into the next line.
f
BLINK
f
osc
52224
----------------
=
The Address Counter (AC) content does not change if the
only action performed is shift display, but increments or
decrements with the ‘cursor shift’.
8.6
Function set
8.6.1
DL (PARALLEL MODE ONLY)
Sets interface data width. Data is sent or received in bytes
(DB7 to DB0) when DL = 1 or in two nibbles (DB7 to DB4)
when DL = 0. When 4-bit width is selected, data is
transmitted in two cycles using the parallel bus. In a 4-bit
application DB3 to DB0 should be left open-circuit (internal
pull-ups). Hence in the first ‘function set’ instruction after
power-on N and H are set to logic 1. A second
‘function set’ must then be sent (2 nibbles) to set N and H
to their required values.
‘Function set’ from the I2C-bus interface sets the DL bit to
logic 1.
8.6.2
M
Chooses either 1-line by 24 display (M = 0) or 2-line by
12 display (M = 1).
8.6.3
H
When H = 0 the chip can be programmed via the standard
11 instruction codes used in the PCF2116 and other LCD
controllers.
When H = 1 the extended range of instructions will be
used. These are mainly for controlling the display
configuration and the icons.
8.7
Set CGRAM address
‘Set CGRAM address’ sets bits 5 to 0 of the CGRAM
address ACG into the address counter (binary A[5] to A[0]).
Data can then be written to or read from the CGRAM.
Attention: the CGRAM address uses the same address
register as the DDRAM address and consists of 7 bits
(binary A[6] to A[0]). With the ‘set CGRAM address’
command, only bits 5 down to 0 are set. Bit 6 can be set
using the ‘set DDRAM address’ command first, or by using
the auto-increment feature during CGRAM write.
All bits 6 to 0 can be read using the
‘read busy flag and address counter’ command.
When writing to the lower part of the CGRAM, ensure that
bit 6 of the address is not set (e.g. by an earlier DDRAM
write or read action).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56