Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PCF5083H/001/F2 Arkusz danych(PDF) 18 Page - NXP Semiconductors

Numer części PCF5083H/001/F2
Szczegółowy opis  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 Arkusz danych(HTML) 18 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 14Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 15Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 16Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 17Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 18Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 19Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 20Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 21Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
1996 Oct 29
18
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.2.2
MOBILE SWITCH-OFF PROCEDURE
The switch-off request to the System Controller is initiated
via a LOW-to-HIGH transition and hold of pin ONKEY for
longer than 1 second or a LOW level on pin LOWVOLT.
The HWCTRL_INT interrupt is activated if one of these
conditions has set it’s corresponding flag in register
HWCTRL_REG.
The next step is to deactivate the POWON signal.
Therefore the flag HWCTRL_REG[SWOFF] has to be set.
If the SWOFF flag is not set within 8 seconds (see
Section 8.2.3) and the Watchdog Timer expires, POWON
is deactivated without any further interaction. The SWOFF
flag is automatically cleared when the mobile is switched
on again.
The PCF5083 is immediately and under all conditions
forced into the off state with RSTO asserted LOW.
Table 6
Mobile switch-off request conditions
ONKEY
LOWVOLT
COMB_INT
HH
H
L ¡ HX
H ¡ L
XH ¡ LH ¡ L
It should be noted that:
• If POWON is LOW (switch-off state), all outputs of the
PCF5083 except POWON and NPOWON are in their
high-impedance state.
• The hardware control interrupt (HWCTRL_INT) is not
asserted externally but stays internally pending during
Sleep mode. The timing generator unit is forced into
wake-up state if the hardware control interrupt is
asserted internally.
• Other interrupt conditions, caused by the MMI
power-down unit and the real time clock unit, are also
indicated with the hardware control interrupt. These
conditions are mentioned in the appropriate sections.
• The interrupt flags in register HWCTRL_REG have to be
cleared by the System Controller to deactivate the
interrupt condition. A flag is cleared by writing a logic 1
to its bit location.
Table 7
Mobile switch-off conditions
HWCTRL_REG[SWOFF]
OFF/WATCHDOG TIMER EXPIRES
RSTO
POWON
Lno
H
H
L ¡ Hno
H
H ¡ L
L
yes
H
H ¡ L
XX
L
H ¡ L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More