| Zakładka z wyszukiwarką danych komponentów |
|
PCF5083H/001/F2 Arkusz danych(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/001/F2 Arkusz danych(HTML) 24 Page - NXP Semiconductors |
|
24 / 136 page ![]() 1996 Oct 29 24 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 8.3.2.2 Transmitter Timing The transmitter timing is shown in Table 10. The start and duration times are defined by loading the named registers. Table 10 Transmitter Timing Notes 1. The timing advance is adjusted with the value of TXSTART_REG. 2. TXBURSTx_REG and TXKEYx_REG (x = 0 or 1) is selected with a flag in register MODEx_REG. 3. Therefore (N)PDBIAS will always be active at least 4 × 32 QB prior to PDTX1. BURST TYPE SIGNAL START (QB)(1) DURATION (QB)(2) TX burst TXON TXSTART_REG + 929 = (0 to 2047) + 929 TXLENGTHx_REG = (1 to 255) BEN TXSTART_REG + 928 = (0 to 2047) + 928 to end of TXON + 16 (N)PDTX1,2 TXSTART_REG + 1024 − PDRX1,2_REG × 32 = (0 to 2047) + 1024 − (0 to 31) × 32 to end of TXKEY + PDDELAY_REG (1 to 63) (N)PDBIAS TXSTART_REG + 1024 − PDBIAS_REG × 32 = (0 to 2047) + 1024 − (0 to 31) × 32 or if PDBIAS_REG < PDTX1_REG + 4 (note 3): TXSTART_REG + 1024 − (PDTX1_REG + 4) × 32 = (0 to 2047) + 1024 − (0 to 31) × 32 to end of TXKEY + PDDELAY_REG + 32 (1 to 63) TXKEY1 TXSTART_REG + 929 + KEYON1_REG = (0 to 2047) + 929 + (1 to 511) × 32 TXKEYx_REG = (1 to 1023) TXKEY2 TXSTART_REG + 929 + KEYON2_REG = (0 to 2047) + 929 + (1 to 511) × 32 to end of TXKEYx + KEYOFF_REG (1 to 63) PDSYN TXSTART_REG + 1024 − PDSYN_REG × 32 = (0 to 2047) + 1024 − (1 to 31) × 32 to end of TXKEYx + PDDELAY_REG (1 to 63) |