| Zakładka z wyszukiwarką danych komponentów |
|
PCF8533 Arkusz danych(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 Arkusz danych(HTML) 21 Page - NXP Semiconductors |
|
21 / 36 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... EXAMPLES a) transmit two bytes of RAM data MGL752 S A 0 S 0 1110 0 0 control byte slave address RAM/command byte RAM DATA M S B L S B A A P R/W = 0 S A 0 S 0 1110 0 0 1 0 A A A P RAM DATA A b) transmit two command bytes COMMAND S A 0 S 0 1110 0 1 0 0 A A A P COMMAND A A c) transmit one command byte and two RAM bytes COMMAND S A 0 S 0 1110 0 1 0 00 01 0 A A A P RAM DATA A RAM DATA A A Co RS Fig.14 I2C-bus protocol. Fig.15 Format of control byte. Co = 0; last control byte. Co = 1; control bytes continue. RS = 0; data is a command byte RS = 1; data is a display byte MGL753 UNUSED Co RS MSB LSB |