| Zakładka z wyszukiwarką danych komponentów |
|
PCF8533 Arkusz danych(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8533 Arkusz danych(HTML) 26 Page - NXP Semiconductors |
|
26 / 36 page ![]() 1999 Jul 30 26 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8533 8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 9 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS Devices” ). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +6.5 V IDD supply current −50 +50 mA VLCD LCD supply voltage VSS − 0.5 +7.5 V ILCD LCD supply current −50 +50 mA ISS negative supply current −50 +50 mA VI(n) input voltage on pads SDA, SCL, CLK, SYNC, SA0, OSC and A0 to A2 VSS − 0.5 VDD + 0.5 V VO(n) output voltage on pads S0 to S79 and BP0 to BP3 VSS − 0.5 VLCD + 0.5 V II DC input current −10 +10 mA IO DC output current −10 +10 mA Ptot total power dissipation − 400 mW P/out power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |