| Zakładka z wyszukiwarką danych komponentów |
|
ADS6424 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADS6424 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 75 page ![]() www.ti.com ADS6445, ADS6444 ADS6443, ADS6442 SLAS531 – MAY 2007 ELECTRICAL CHARACTERISTICS (continued) Typical values are at 25 °C, min and max values are across the full temperature range T MIN = –40°C to TMAX = 85°C, AVDD = LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference mode (unless otherwise noted). PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ADS6445 87 ADS6444 91 Fin = 10 MHz ADS6443 92 ADS6442 93 ADS6445 73 81 ADS6444 80 Fin = 50 MHz ADS6443 77 87 ADS6442 79 88 ADS6445 78 ADS6444 Fin = 70 MHz 74 81 ADS6443 and ADS6442 86 ADS6445 86 ADS6444 88 Fin = 100 MHz Spurious free SFDR ADS6443 84 dBc dynamic range ADS6442 82 ADS6445 76 ADS6444 79 0 dB gain ADS6443 80 ADS6442 Fin = 170 MHz 81 ADS6445 79 ADS6444 3.5 dB Coarse gain 83 ADS6443 and ADS6442 84 ADS6445 and ADS6444 77 ADS6443 0 dB gain 78 ADS6442 Fin = 230 MHz 79 ADS6445 and ADS6444 80 3.5 dB Coarse gain ADS6443 and ADS6442 82 8 Submit Documentation Feedback |