| Zakładka z wyszukiwarką danych komponentów |
|
ADS6424 Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ADS6424 Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 75 page ![]() www.ti.com DIGITAL CHARACTERISTICS ADS6445, ADS6444 ADS6443, ADS6442 SLAS531 – MAY 2007 The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic level 0 or 1 AVDD = LVDD = 3.3V, I O = 3.5mA, RLOAD = 100Ω (1). All LVDS specifications are characterized, but not tested at production. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT DIGITAL INPUTS High-level input voltage 2.4 V Low-level input voltage 0.8 V High-level input current 10 µA Low-level input current 10 µA Input capacitance 4 pF DIGITAL OUTPUTS High-level output voltage 1375 mV Low-level output voltage 1025 mV Output differential voltage |VOD| 250 350 450 mV Output offset voltage VOS Common-mode voltage of OUTP and OUTM 1200 mV Output capacitance inside the device, from either output to Output capacitance 2 pF ground (1) IO refers to the LVDS buffer current setting, RLOAD is the external differential load resistance between the LVDS output pair. 12 Submit Documentation Feedback |