Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMF8805 Arkusz danych(PDF) 5 Page - OSRAM GmbH

Numer części TMF8805
Szczegółowy opis  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Arkusz danych(HTML) 5 Page - OSRAM GmbH

  TMF8805 Datasheet HTML 1Page - OSRAM GmbH TMF8805 Datasheet HTML 2Page - OSRAM GmbH TMF8805 Datasheet HTML 3Page - OSRAM GmbH TMF8805 Datasheet HTML 4Page - OSRAM GmbH TMF8805 Datasheet HTML 5Page - OSRAM GmbH TMF8805 Datasheet HTML 6Page - OSRAM GmbH TMF8805 Datasheet HTML 7Page - OSRAM GmbH TMF8805 Datasheet HTML 8Page - OSRAM GmbH TMF8805 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
TMF8805
General description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
5 / 74
/
1.2
Applications
The device is ideal for use in the mobile phone market with applications including:
Distance measurement for camera autofocus (Laser Detect Autofocus - LDAF)
Supporting low-power system operation by enabling high-power components (i.e. 3D
camera) only when an object is in the detection range
Presence detection - Object detection
Collision avoidance
1.3
Block diagram
The functional blocks of this device are shown below:
Figure 1: Functional blocks of TMF8805
TMF8805
VCSEL
Optical
Filter
Reflective
Surface
Background
Light
Internal
Reflection
Optics
SPAD,
TDC and
Histogram
Driver
Control
Data
Process
Cortex M0
TOF Sensor
EN
GPIO1
GPIO0
INT
SDA
SCL
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74