| Zakładka z wyszukiwarką danych komponentów |
|
13202 Arkusz danych(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
13202 Arkusz danych(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 30 page ![]() MC13202 Technical Data, Rev. 1.2 Freescale Semiconductor 13 A typical interconnection to a microcontroller is shown in Figure 7. Figure 7. SPI Interface Although the SPI port is fully static, internal memory, timer and interrupt arbiters require an internal clock (CLKcore), derived from the crystal reference oscillator, to communicate from the SPI registers to internal registers and memory. 6.2.1 SPI Burst Operation The SPI port of an MCU transfers data in bursts of 8 bits with most significant bit (MSB) first. The master (MCU) can send a byte to the slave (transceiver) on the MOSI line and the slave can send a byte to the master on the MISO line. Although an MC13202 transaction is three or more SPI bursts long, the timing of a single SPI burst is shown in Figure 8. Figure 8. SPI Single Burst Timing Diagram SPI digital timing specifications are shown in Table 6. Shift Register Baud Rate Generator Shift Register Chip Enable (CE) RxD MISO TxD MOSI Sclk SPICLK MCU MC13202 CE 1 23 4 5 6 7 8 CE SPIC L K T1 T2 T4 T0 SP I B urst V alid T5 T6 T3 V alid T7 MIS O MO S I V alid |