| Zakładka z wyszukiwarką danych komponentów |
|
13202 Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
13202 Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc |
|
2 / 30 page ![]() MC13202 Technical Data, Rev. 1.2 2 Freescale Semiconductor refer to the MC13202 Reference Manual, (MC13202RM). Applications include, but are not limited to, the following: • Residential and commercial automation — Lighting control — Security — Access control — Heating, ventilation, air-conditioning (HVAC) — Automated meter reading (AMR) • Industrial Control — Asset tracking and monitoring — Homeland security — Process management — Environmental monitoring and control — HVAC — Automated meter reading • Health Care — Patient monitoring — Fitness monitoring • Consumer — Human interface devices (keyboard, mice, etc.) — Remote control — Wireless toys The transceiver includes a low noise amplifier, 1.0 mW power amplifiers (PA), onboard RF transmit/receive (T/R) switch for single port use, PLL with internal voltage controlled oscillator (VCO), on-board power supply regulation, and full spread-spectrum encoding and decoding. The device supports 250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0 MHz channels with 5.0 MHz channel spacing per the 802.15.4 Standard. The SPI port and interrupt request output are used for receive (RX) and transmit (TX) data transfer and control. 2Features • Recommended power supply range: 2.0 to 3.4 V • Fully compliant 802.15.4 Standard transceiver supports 250 kbps O-QPSK data in 5.0 MHz channels and full spread-spectrum encode and decode • Operates on one of 16 selectable channels in the 2.4 GHz band • -1 to 0 dBm nominal output power, programmable from -27 dBm to +3 dBm typical • Receive sensitivity of <-92 dBm (typical) at 1% PER, 20-byte packet, much better than the 802.15.4 Standard of -85 dBm |