| Zakładka z wyszukiwarką danych komponentów |
|
TSV992IDT Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV992IDT Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 18 page ![]() Electrical characteristics TSV991-TSV992-TSV994 6/18 Table 4. Electrical characteristics at VCC = +3.3V, VDD = 0V, Vicm = VCC/2, Tamb=25°C, RL connected to VCC/2 (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Offset voltage TSV99x -0.1 4.5 mV Tmin < Top < Tmax -- 7.5 TSV99xA -- 1.5 Tmin < Top < Tmax -- 3 DVio Input offset voltage drift - 2 - µV/°C Iio Input offset current(1) - 1 10 pA Iib Input bias current(1) - 1 10 pA CMR Common mode rejection ratio 20 log ( ΔVic/ΔVio) 0V to 3.3V, Vout = 1.65V 60 78 - dB Avd Large signal voltage gain RL=10kΩ, Vout= 0.5V to 2.8V 80 90 - dB VCC-VOH High level output voltage RL =10kΩ RL =600Ω 15 45 40 150 mV VOL Low level output voltage RL =10kΩ RL =600Ω - 15 45 40 150 mV Iout Isink Vo = 3.3V 18 32 - mA Tmin < Tamb < Tmax 16 - - Isource Vo = 0V 18 35 - Tmin < Tamb < Tmax 16 - - ICC Supply current (per operator) No load, Vout=VCC/2 - 0.8 1.1 mA Tmin < Top < Tmax -- 1.1 AC performance GBP Gain bandwidth product RL =2kΩ, CL = 100pF, f = 100kHz - 20 - MHz φm Phase margin RL =2kΩ, CL = 100pF, G=5 - 60 - Degrees Gm Gain margin RL =2kΩ, CL = 100pF, f = 100kHz, φm=40° -2.5 - dB SR Slew rate RL =2kΩ, CL = 100pF, f = 100kHz - 10 - V/µs en Equivalent input noise voltage f=10kHz - 21 - THD+en Total harmonic distortion G=1, f=1kHz, Rl=2k Ω, BW=22kHz, Vicm=(Vcc+1)/2, Vout=1.9Vpp - 0.001 - % 1. Guaranteed by design. nV Hz ------------ |