| Zakładka z wyszukiwarką danych komponentów |
|
TSV992IDT Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV992IDT Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 18 page ![]() TSV991-TSV992-TSV994 Electrical characteristics 5/18 2 Electrical characteristics Table 3. Electrical characteristics at VCC = +2.5V, VDD = 0V, Vicm = VCC/2, Tamb=25°C, RL connected to VCC/2 (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit DC performance Vio Offset voltage TSV99x -0.1 4.5 mV Tmin < Top < Tmax -- 7.5 TSV99xA -- 1.5 Tmin < Top < Tmax -- 3 DVio Input offset voltage drift - 2 - µV/°C Iio Input offset current(1) (Vout =VCC/2) - 1 10 pA Iib Input bias current(1) (Vout =VCC/2) - 1 10 pA CMR Common mode rejection ratio 20 log ( ΔVic/ΔVio) 0V to 2.5V, Vout = 1.25V 58 75 - dB Avd Large signal voltage gain RL= 10kΩ, Vout= 0.5V to 2V 80 89 - dB VCC-VOH High level output voltage RL =10kΩ RL =600Ω 15 45 40 150 mV VOL Low level output voltage RL =10kΩ RL =600Ω - 15 45 40 150 mV Iout Isink Vo = 2.5V 18 32 - mA Tmin < Tamb < Tmax 16 - - Isource Vo = 0V 18 35 - Tmin < Tamb < Tmax 16 - - ICC Supply current (per operator) No load, Vout=VCC/2 - 0.78 1.1 mA Tmin < Top < Tmax -- 1.1 AC performance GBP Gain bandwidth product RL =2kΩ, CL = 100pF, f = 100kHz - 20 - MHz φm Phase margin RL =2kΩ, CL = 100pF, G=5, f=100kHz -60- Degrees Gm Gain margin RL =2kΩ, CL = 100pF, φm=40° - 2.5 - dB SR Slew rate RL =2kΩ, CL = 100pF - 10 - V/µs en Equivalent input noise voltage f=10kHz - 21 - THD+en Total harmonic distortion G=1, f=1kHz, Rl=2k Ω, BW=22kHz, Vicm=(Vcc+1)/2, Vout=1.1Vpp - 0.0017 - % 1. Guaranteed by design. nV Hz ------------ |