Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPAMP3EVB Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części OPAMP3EVB
Szczegółowy opis  Op Amp Evaluation Board Manual TSSOP-16 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

OPAMP3EVB Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button OPAMP3EVB Datasheet HTML 4Page - ON Semiconductor OPAMP3EVB Datasheet HTML 5Page - ON Semiconductor OPAMP3EVB Datasheet HTML 6Page - ON Semiconductor OPAMP3EVB Datasheet HTML 7Page - ON Semiconductor OPAMP3EVB Datasheet HTML 8Page - ON Semiconductor OPAMP3EVB Datasheet HTML 9Page - ON Semiconductor OPAMP3EVB Datasheet HTML 10Page - ON Semiconductor OPAMP3EVB Datasheet HTML 11Page - ON Semiconductor OPAMP3EVB Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OPAMP3EVB
http://onsemi.com
9
BOM for NCS2535
Item
Qty
Ref Des
Value
Package
Description
MFG
Part Number
1
2
C1,C7
4.7 ufd
CAPACITOR TANT
4.7
mF 25 V 10% SMD
Kemet
T491C475K025AS
2
2
C2,C6
47 nfd
0603
CAP CER 47000 PF
50 V X7R 10% 0603
TDK Corporation
C1608X7R1H473K
3
4
C3,C4,
C5,C8
330 pfd
0603
CAP CER 330 PF 50 V
C0G 5% 0603
TDK Corporation
C1608C0G1H331J
4
2
D6,D7
DIODE STD REC 1.0 A
300 V SMA
ON Semiconductor3
MRA4003T
5
3
J10−J12
CONN JACK BANANA
UNINS PANEL MOU
Johnson Components
Inc
108−0740−001
6
9
J1−J9
BNC
CONN JACK BNC
VERT 50
W PCB
AMP/TYCO
414305−1
7
2
L1,L2
BEAD CORE 68
W
3.0 A 1206 SMD
Panasonic − ECG
EXC−ML32A680U
8
3
R2,R9,
R20
450
0603
RES 453
W 1/10W 1%
0603 SMD
Yageo America
9C06031A4530FKHFT
9
3
R3,R18,
R27
50
0603
RES 49.9
W 1/10W 1%
0603 SMD
Yageo America
9C06031A49R9FKHFT
10
2
R5,R7
2R2
0603
RES 2.2
W 1/10W 5%
0603 SMD
Yageo America
9C06031A2R20JGHFT
11
3
JMP1−J
MP3
HEADER 3 PIN
MALE 0.1
Sullins Electronics
Corp.
PTC36SABN
12
3
JMP1−J
MP3
CONNECTOR
SHORTING
Sullins Electronics
Corp.
STC02SYAN
13
4
Nylon Standoff 0.625
6−32
14
4
Nylon Nuts 6−32 HEX
15
3
R4,R15,
R24
390
0603
RES 400
W 1/10W 1%
0603 SMD
Yageo America
9C06031A3900JGHFT
16
3
R6,R17,
R26
390
0603
RES 400
W 1/10W 1%
0603 SMD
Yageo America
9C06031A3900JGHFT
17
3
R10,R12,
R21
100
0603
RES 100
W 1/10W 1%
0603 SMD
Yageo America
9C06031A100FKHFT
18
1
OP3TSSOP16EVB
Evaluation Board
EB Tech
NCS2535DTBEVB
19
1
DUT
High Speed Op Amp
ON Semiconductor
NCS2535DTB
Do Not Install These Parts
19
3
C9,C10,
C15
0603
NO VALUE DEFINED,
TBD
20
9
R1,R8,
R11,R13,
R19,R22
0603
RES 49.9
W 1/10W 1%
0603 SMD
Yageo America
9C06031A49R9FKHFT
NOTE:
Assembled board has a default gain of +2.0. There is an attenuation factor of three when used in conjunction with a 50
W
termination resistance of the measuring instrument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com