| Zakładka z wyszukiwarką danych komponentów |
|
HCS08 Arkusz danych(PDF) 123 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Arkusz danych(HTML) 123 Page - Motorola, Inc |
|
123 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 123 MC9S08GB/GT CBEQ opr8a,rel CBEQA #opr8i,rel CBEQX #opr8i,rel CBEQ oprx8,X+,rel CBEQ ,X+,rel CBEQ oprx8,SP,rel Compare and Branch if Equal Branch if (A) = (M) Branch if (A) = (M) Branch if (X) = (M) Branch if (A) = (M) Branch if (A) = (M) Branch if (A) = (M) –––––– DIR IMM IMM IX1+ IX+ SP1 31 41 51 61 71 9E61 dd rr ii rr ii rr ff rr rr ff rr 5 4 4 5 5 6 CLC Clear Carry Bit C ← 0 – – – – – 0 INH 98 1 CLI Clear Interrupt Mask Bit I ← 0 – – 0 – – – INH 9A 1 CLR opr8a CLRA CLRX CLRH CLR oprx8,X CLR ,X CLR oprx8,SP Clear M ← $00 A ← $00 X ← $00 H ← $00 M ← $00 M ← $00 M ← $00 0––01– DIR INH INH INH IX1 IX SP1 3F 4F 5F 8C 6F 7F 9E6F dd ff ff 5 1 1 1 5 4 6 CMP #opr8i CMP opr8a CMP opr16a CMP oprx16,X CMP oprx8,X CMP ,X CMP oprx16,SP CMP oprx8,SP Compare Accumulator with Memory (A) – (M) (CCR Updated But Operands Not Changed) –– IMM DIR EXT IX2 IX1 IX SP2 SP1 A1 B1 C1 D1 E1 F1 9ED1 9EE1 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 COM opr8a COMA COMX COM oprx8,X COM ,X COM oprx8,SP Complement (One’s Complement) M ← (M)= $FF – (M) A ← (A) = $FF – (A) X ← (X) = $FF – (X) M ← (M) = $FF – (M) M ← (M) = $FF – (M) M ← (M) = $FF – (M) 0–– 1 DIR INH INH IX1 IX SP1 33 43 53 63 73 9E63 dd ff ff 5 1 1 5 4 6 CPHX opr16a CPHX #opr16i CPHX opr8a CPHX oprx8,SP Compare Index Register (H:X) with Memory (H:X) – (M:M + $0001) (CCR Updated But Operands Not Changed) –– EXT IMM DIR SP1 3E 65 75 9EF3 hh ll jj kk dd ff 6 3 5 6 CPX #opr8i CPX opr8a CPX opr16a CPX oprx16,X CPX oprx8,X CPX ,X CPX oprx16,SP CPX oprx8,SP Compare X (Index Register Low) with Memory (X) – (M) (CCR Updated But Operands Not Changed) –– IMM DIR EXT IX2 IX1 IX SP2 SP1 A3 B3 C3 D3 E3 F3 9ED3 9EE3 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 DAA Decimal Adjust Accumulator After ADD or ADC of BCD Values (A)10 U – – INH 72 1 DBNZ opr8a,rel DBNZA rel DBNZX rel DBNZ oprx8,X,rel DBNZ ,X,rel DBNZ oprx8,SP,rel Decrement and Branch if Not Zero Decrement A, X, or M Branch if (result) ≠ 0 DBNZX Affects X Not H –––––– DIR INH INH IX1 IX SP1 3B 4B 5B 6B 7B 9E6B dd rr rr rr ff rr rr ff rr 7 4 4 7 6 8 DEC opr8a DECA DECX DEC oprx8,X DEC ,X DEC oprx8,SP Decrement M ← (M) – $01 A ← (A) – $01 X ← (X) – $01 M ← (M) – $01 M ← (M) – $01 M ← (M) – $01 –– – DIR INH INH IX1 IX SP1 3A 4A 5A 6A 7A 9E6A dd ff ff 5 1 1 5 4 6 DIV Divide A ← (H:A)÷(X) H ← Remainder – – – – INH 52 6 Table 7-1 HCS08 Instruction Set Summary (Sheet 3 of 6) Source Form Operation Description Effect on CCR VH I N Z C |