Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLB05B5220K1000TC1 Arkusz danych(PDF) 1 Page - Murata Manufacturing Co., Ltd

Numer części CLB05B5220K1000TC1
Szczegółowy opis  Single Layer Microchip Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CLB05B5220K1000TC1 Arkusz danych(HTML) 1 Page - Murata Manufacturing Co., Ltd

  CLB05B5220K1000TC1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CLB05B5220K1000TC1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Search Data Sheet
CLB05B5220K1000TC1
Note: If you have not downloaded this document from our official website, please note that the
information provided may not be the most current.
Please download the latest datasheet of CLB05B5220K1000TC1 from the official website of Murata
http://www.murata.com/en/products/productdetail?partno=CLB05B5220K1000TC1
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/20/2024
Applications
Unsuitable
Applications
Please be sure to read and comply with
these "Precautions for use."
Specific
Applications
Consumer equipment,Industrial
Equipment,Mobile Electronics
Please refer to Our Website and
specifications, etc. for information about
the performance, functions, quality,
management, and safety required for
the above applications, and use
Products after confirming the
performance and reliability of the actual
Product.
Recommended
Applications
Consumer equipment,Router,Wi-Fi
Router,Optical Backbone network,
Optical Module,Mobile Electronics,Base
Station,RF Power Amplifier,Industrial
Equipment
Appearance & Shape
Features
1. Fine grained high-density ceramic dielectric, pure
gold electrode and simple single layer structure
provide very reliable performance and excellent
frequency characteristics.
2. Awide selection of sizes from very miniature
0.25mm square is suited to high-density mounting.
3. For compatibility with the gold electrodes, die
bonding with Au-Sn is possible and wire bonding
with gold wire is possible.
4. To improve handling of bonding, Au-Sn coating is
available on one side or both sides.
5. Custom made type (dimensions, cap. values, etc.)
are also available upon request.
Applications
1. Microwave Integrated Circuits
2. Microwave Devices
3. Optical Devices
4. Measuring Equipments
1 of 2


Podobny numer części - CLB05B5220K1000TC1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
CLB05B5220K1000TC1 MURATA-CLB05B5220K1000TC1 Datasheet
163Kb / 2P
Custom made type
logo
Murata Manufacturing Co...
CLB05B5220K1000TC1 MURATA1-CLB05B5220K1000TC1 Datasheet
180Kb / 2P
Microwave Integrated Circuits
Last updated05/31/2022
CLB05B5220K1000TC1 MURATA1-CLB05B5220K1000TC1_V01 Datasheet
180Kb / 2P
Microwave Integrated Circuits
Last updated05/31/2022
More results

Podobny opis - CLB05B5220K1000TC1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
Double Layer Capacitors
17-Oct-03
logo
List of Unclassifed Man...
ATC111 ETC1-ATC111 Datasheet
218Kb / 12P
ATC Millimeter Wavelength Single Layer Capacitors
logo
Vishay Siliconix
196DLC VISHAY-196DLC_08 Datasheet
107Kb / 7P
Double Layer Capacitors
15-Apr-08
logo
AVX Corporation
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
Single Layer Varistors
TACK474M010PTA AVX-TACK474M010PTA Datasheet
114Kb / 3P
Standard Microchip
TACR105M025XTA AVX-TACR105M025XTA Datasheet
113Kb / 3P
TACmicrochip짰 Standard Microchip
TACL105K010RTA AVX-TACL105K010RTA Datasheet
113Kb / 3P
Standard Microchip
TACR106K010XTA AVX-TACR106K010XTA Datasheet
100Kb / 3P
Standard Microchip
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
Single Layer Varistors
logo
Microchip Technology
ATECC608A MICROCHIP-ATECC608A Datasheet
347Kb / 28P
Microchip CryptoAuthentication??Device
2017
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com