Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLB05B5220K1000TC1 Arkusz danych(PDF) 2 Page - Murata Manufacturing Co., Ltd

Numer części CLB05B5220K1000TC1
Szczegółowy opis  Single Layer Microchip Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA1 [Murata Manufacturing Co., Ltd]
Strona internetowa  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CLB05B5220K1000TC1 Arkusz danych(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CLB05B5220K1000TC1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CLB05B5220K1000TC1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Search Data Sheet
CLB05B5220K1000TC1
Note: If you have not downloaded this document from our official website, please note that the
information provided may not be the most current.
Please download the latest datasheet of CLB05B5220K1000TC1 from the official website of Murata
http://www.murata.com/en/products/productdetail?partno=CLB05B5220K1000TC1
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/20/2024
Specifications
Shape
SMD
Operating Temperature
Range
-55
℃ to 125℃
L x W (size)
L 0.50 X W 0.50mm
Thickness
0.24mm
Rated Voltage
100Vdc
Capacitance (25
℃)
22pF
Capacitance Tolerance
±10%
Temperature Characteristics
(-25 to 85
℃)
±10%
Withstanding Voltage
250Vdc
Resistance
25
℃:100000MΩmin.
2 of 2



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com