| Zakładka z wyszukiwarką danych komponentów |
|
24CSM01-E/SM Arkusz danych(PDF) 11 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24CSM01-E/SM Arkusz danych(HTML) 11 Page - Microchip Technology |
|
11 / 63 page ![]() 2023 Microchip Technology Inc. and its subsidiaries Preliminary DS20006781B -page 11 24CSM01 3.3.1.1 Read/Write Select Bit The eighth bit (bit 0) of the device address byte is the Read/Write Select (R/W) bit. A read operation is initiated if this bit is a logic ‘1’ and a write operation is initiated if this bit is a logic ‘0’. Upon the successful comparison of the device address byte, the 24CSM01 will respond. If a valid comparison is not made, the device will not respond and will return to a standby state. 3.3.2 WORD ADDRESS BYTES Two 8-bit word address bytes are transmitted to the device immediately following the device address byte. The first word address byte contains the eight Most Significant bits (MSbs) of the 17-bit memory array word address to specify which location in the EEPROM to start reading or writing. When accessing the Security register, it is required that the A15 bit of the first word address be set to a logic ‘0’ and the A11 and A10 bits be set to ‘10b’, respectively. When accessing the Configuration register, it is required that the A15 bit of the first word address be set to a logic ‘1’ and the A11 and A10 bits be set to ‘10b’, respectively. Refer to Table 3-3 for details. Next, the second word address byte is sent to the device, which provides the remaining eight bits of the word address (A7 through A0). Refer to Table 3-4 for details. TABLE 3-3: FIRST WORD ADDRESS BYTE Memory Region Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1-Mbit EEPROM A15 A14 A13 A12 A11 A10 A9 A8 Security Register Read/Write 0x xx 10 xx Lock Security Register xx xx 01 10 Configuration Register 1x xx 10 xx TABLE 3-4: SECOND WORD ADDRESS BYTE Memory Region Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1-Mbit EEPROM A7 A6 A5 A4 A3 A2 A1 A0 Security Register Read/Write A7 A6 A5 A4 A3 A2 A1 A0 Lock Security Register(1) xx xx xx xx Configuration Register(1) xx xx xx xx Note 1: When accessing the Configuration register or locking the Security register, the second word address byte must be transmitted to the device, despite containing only “don’t care” values. |