| Zakładka z wyszukiwarką danych komponentów |
|
24CSM01-E/SM Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24CSM01-E/SM Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 63 page ![]() 24CSM01 DS20006781B -page 12 Preliminary 2023 Microchip Technology Inc. and its subsidiaries 4.0 FUNCTIONAL DESCRIPTION The 24CSM01 supports a bidirectional Two-Wire bus and data transmission protocol. A device that sends data onto the bus is defined as a transmitter and a device receiving data as a receiver. The bus must be controlled by a host device which generates the Serial Clock (SCL), controls the bus access and generates the Start and Stop conditions, while the 24CSM01 works as a client. Both host and client can operate as a transmitter or receiver, but the host determines which mode is activated. 5.0 BUS CHARACTERISTICS The following bus protocol has been defined: • Data transfer may be initiated only when the bus is not busy. • During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line, while the clock line is high, will be interpreted as a Start or Stop condition. Accordingly, the following bus conditions have been defined (Figure 5-1). 5.1 Bus Not Busy (A) Both data and clock lines remain high. 5.2 Start Data Transfer (B) A high-to-low transition of the SDA line while the clock (SCL) is high determines a Start condition. All commands must be preceded by a Start condition. 5.3 Stop Data Transfer (C) A low-to-high transition of the SDA line while the clock (SCL) is high determines a Stop condition. All operations must end with a Stop condition. 5.4 Data Valid (D) The state of the data line represents valid data when, after a Start condition, the data line is stable for the duration of the high period of the clock signal. The data on the line must be changed during the low period of the clock signal. There is one bit of data per clock pulse. Each data transfer is initiated with a Start condition and terminated with a Stop condition. The number of the data bytes transferred between the Start and Stop conditions is determined by the host device. 5.5 Acknowledge Each receiving device, when addressed, is obliged to generate an Acknowledge (ACK) signal after the reception of each byte. The host device must generate an extra clock pulse, which is associated with this Acknowledge bit. See Figure 5-2 for Acknowledge timing. A device that acknowledges must pull down the SDA line during the Acknowledge clock pulse in such a way that the SDA line is stable low during the high period of the Acknowledge-related clock pulse. Of course, setup and hold times must be taken into account. During read operations, the host must signal an end of data to the client by not generating an Acknowledge (NACK) bit on the last byte that has been clocked out of the client. In this case, the client (24CSM01) will leave the data line high to enable the host to generate the Stop condition. FIGURE 5-1: DATA TRANSFER SEQUENCE ON THE SERIAL BUS Note: The 24CSM01 does not generate any Acknowledge bits if an internal write cycle is in progress. Address or Acknowledge Valid Data Allowed to Change Stop Condition Start Condition SCL SDA (A) (B) (D) (D) (C) (A) |