Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL375-47 Arkusz danych(PDF) 37 Page - Emerson Network Power

Numer części PL375-47
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Arkusz danych(HTML) 37 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 33Page - Emerson Network Power PL375-47 Datasheet HTML 34Page - Emerson Network Power PL375-47 Datasheet HTML 35Page - Emerson Network Power PL375-47 Datasheet HTML 36Page - Emerson Network Power PL375-47 Datasheet HTML 37Page - Emerson Network Power PL375-47 Datasheet HTML 38Page - Emerson Network Power PL375-47 Datasheet HTML 39Page - Emerson Network Power PL375-47 Datasheet HTML 40Page - Emerson Network Power PL375-47 Datasheet HTML 41Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 100 page
background image
35
These BNC/TNC push-on jacks and plugs are designed for (U)PL123 blind mate rack and panel applications. The male
plugs mate (U)PL122 with any BNC/TNC jack and are ideally suited for test/cable applications.
Mounting Hole: C2.093
Mounting Hole: DD5.187
Mounting Hole: C1.120
.500 HEX
.628
1.060
.437 WRENCH FLATS
3/8 WRENCH FLATS
SOLDER CUP
ACCEPTS
.068 DIA
CONDUCTOR
.562 HEX NUT
.500 HEX
.906
.468-32 SPECIAL
.115
.096
1.107
.607
.349 DIA
.437 WRENCH FLATS
.096
.906
.437 HEX
BODY .500 DIA
.550
DIA
.875
.150
.450
.3125-32UNEF-2A
.375
WRENCHFLATS
.437 HEX
SOLDER POT ACCEPTS
.055 DIA CONDUCTOR;
(.025 DIA FOR UBJ120)
Coax Connectors / Push-on Coax 120 Series
Panel Plug
Front Mount, Solder Pot
50Ω................................................... PL121
75Ω................................................. UPL121
W/Solder Lug
50Ω............................................... PL121SL
75Ω............................................. UPL121SL
Bulkhead Jack
Front Mount, Solder Lug
50Ω................................................... BJ120
75Ω................................................. UBJ120
W/Solder Lug
50Ω............................................... BJ120SL
75Ω............................................. UBJ120SL
Panel Plug
Rear Mount, Cable Entry
50Ω............................................ PL122-
75Ω.......................................... UPL122-
Cable Plug
Tool Crimp
50Ω............................................ PL223-
75Ω.......................................... UPL223-
Cable Plug
Wrench Crimp
50Ω............................................ PL123-
75Ω.......................................... UPL123-
“D” mounting holes are on page 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com