Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PL375-47 Arkusz danych(PDF) 42 Page - Emerson Network Power

Numer części PL375-47
Szczegółowy opis  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EMERSON-NETWORKPOWER [Emerson Network Power]
Strona internetowa  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL375-47 Arkusz danych(HTML) 42 Page - Emerson Network Power

Back Button PL375-47 Datasheet HTML 38Page - Emerson Network Power PL375-47 Datasheet HTML 39Page - Emerson Network Power PL375-47 Datasheet HTML 40Page - Emerson Network Power PL375-47 Datasheet HTML 41Page - Emerson Network Power PL375-47 Datasheet HTML 42Page - Emerson Network Power PL375-47 Datasheet HTML 43Page - Emerson Network Power PL375-47 Datasheet HTML 44Page - Emerson Network Power PL375-47 Datasheet HTML 45Page - Emerson Network Power PL375-47 Datasheet HTML 46Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
40
.856
±.018
.556
±.015
7/16 (.4375)
HEX NUT
1.030
±.030
1.054
±.030
.500
DASH NO
CABLES ACCOMMODATED
A HEX
-001
RG-178, -196
.178
-002
HEWLETT PACKARD
.197
8120 - 1107
-003
RG-174, 316
.178
-004
RG-179, 187
.178
-005
NORTHERN ELECTRIC
.197
DBL - SHLD RG-187
-006
GC875GPI, GRUMMAN
.197
DBL - SHLD RG-188
-007
275-3991, MICRODOT
.178
-008
RG-195, -180
.178
421-111, ESSEX
-009
8218, BELDEN
.178
YR23023 BELDEN
21-597, ESSEX
-011
RG-58, RG-141,
.213
RG-303, TCC-50-2
-013
RG-59
.255
-013A
TCC-75-2
.255
-013B
RG-62
.255
-014
8212, BELDEN
.255
-015
730A, LUCENT
.290
-015A
RG-71
.290
-016
724, LUCENT
.324
8281, BELDEN
-017
RG-6
.344
-018
9268, BELDEN
.255
-019
8279, BELDEN
.255
-020
9248, BELDEN
.290
-021
88240, BELDEN
.213
-022
88241, 88269, BELDEN
.255
-023
89108, BELDEN
.255
-024
89120, BELDEN
.290
-025
734A, LUCENT
.255
-026
735A, LUCENT
.178
-027
KS19224L2, LUCENT
.178
Coax Connectors / Coax F Type Connectors
130 Series
75 Ohm F Type Tool Crimp Plug
PL130SC-(see dash number from chart on right)
75 Ohm Right Angle F Type Style Full Crimp Cable Plug
PLR130SC-(see dash number from chart on right)
75 Ohm Male Type F Type Coaxial Cable Plug
PL130C-(see dash number from chart on right)
7/16
HEX
1.604
±.030
-F1 SHOWN
Trompeter’s 130 Series Coax F Type Connectors meet SCTE-IPS-SP-4-1 and have a Return Loss of <-22 dB at 2 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com