Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PX2FS2004BAAC Arkusz danych(PDF) 3 Page - Honeywell Accelerometers

Numer części PX2FS2004BAAC
Szczegółowy opis  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL-ACC [Honeywell Accelerometers]
Strona internetowa  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2FS2004BAAC Arkusz danych(HTML) 3 Page - Honeywell Accelerometers

  PX2FS2004BAAC Datasheet HTML 1Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 2Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 3Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 4Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 5Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 6Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 7Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 8Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
sensing.honeywell.com
COST EFFECTIVE*
The PX2 Series is a precise pressure measurement solution that optimizes system
performance at a competitive cost.
DESIGNED FOR CONFIGURABILITY*
With over 15,000 standard configurations, the PX2 Series easily meets our
customers’ specific application needs.
APPLICATION EXPERTISE*
Knowledgeable application engineers are available to answer customers’ specific
design questions during the development of their product.
GLOBAL SUPPORT
Honeywell’s global presence offers customers immediate product and application
support throughout the development cycle, from design to global manufacturing.
WIDE SELECTION OF OPTIONS
Numerous standard or custom connectors, ports, pressure ranges and types, and
output options include:
•
Connector types: Delphi Metri-Pack 150, Micro M12, DIN, Deutsch, cable
harness (1 m, 2 m, 3 m, or 5 m).
•
Port types: 1/4-18 NPT, 1/8-27 NPT, 9/16-18 UNF SAE J1926-3, 7/16-20 UNF
SAE J1926-3, 1/4 in 45° Flare Female Schrader (7/16-20 SAE J512), M12 x
1.5 ISO 6149-3, G1/4 ISO 1179-3, G1/8 ISO 1179-3.
•
Pressure range: 1 bar to 46 bar | 100 kPa to 4.6 MPa | 15 psi to 667 psi.
•
Pressure reference: Absolute or sealed gage.
•
Output transfer function: Ratiometric, regulated or current.
SHORT LEAD TIME
Due to the PX2 Series’ configurability, customers can count on a quick response
to prototypes. Additionally, dedicated teams and manufacturing processes ensure
that product samples are shipped quickly to support your demanding product
development cycle.
*Competitive Differentiator
Affordability minimizes your cost to produce.
Features
and Benefits
Available feature-rich and fast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com