Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PX2FS2004BAAC Arkusz danych(PDF) 7 Page - Honeywell Accelerometers

Numer części PX2FS2004BAAC
Szczegółowy opis  Heavy Duty Pressure Transducers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL-ACC [Honeywell Accelerometers]
Strona internetowa  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

PX2FS2004BAAC Arkusz danych(HTML) 7 Page - Honeywell Accelerometers

Back Button PX2FS2004BAAC Datasheet HTML 3Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 4Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 5Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 6Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 7Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 8Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 9Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 10Page - Honeywell Accelerometers PX2FS2004BAAC Datasheet HTML 11Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
sensing.honeywell.com
Heavy Duty Pressure Transducers
Table 1. Electrical Specifications
Characteristic
Ratiometric Output
Current
Output
Regulated Output
Output Transfer Function Order Code (See Figure 5.)
AA
AB
AC
AD
CH
BC
BD
BE
BG
Output transfer function1:
null output value
full scale output value
full scale span (FSS)
operating supply voltage, min.(Vs)2
operating supply voltage, typ. (Vs)2
operating supply voltage, max. (Vs)2
10% of Vs
90% of Vs
80% of Vs
4.75 V
5 V
5.25 V
5% of Vs
95% of Vs
90% of Vs
4.5 V
5 V
5.5 V
10% of Vs
90% of Vs
80% of Vs
3.135 V
3.3 V
3.465 V
5%of Vs
95% of Vs
90% of Vs
3.135 V
3.3 V
3.465 V
4 mA
4 mA
16 mA
8 V
—
30 V4
1 V
6 V
5 V
9 V
—
30 V3
0.25 V
10.25 V
10 V
13 V
—
30 V3
0.5 V
4.5 V
4 V
8 V
—
30 V3
1 V
5 V
4 V
8 V
—
30 V3
Supply current (typ.)
5 mA
4 mA
—
5.5 mA
Output load (pull up or down)
minimum
maximum
2 kOhm
—
—
(Vs - 8) x
50 Ohm4
2 kOhm
—
Absolute voltage ratings5:
minimum6
maximum6
maximum applied to output pin
-16 V
16 V
Vs
-16 V
30 V
—
-16 V
30 V
12 V
EMC rating — CE compliance7:
electrostatic discharge
radiated immunity
fast transient burst
immunity to conducted disturbances
radiated emissions
±4 kV contact, ±8 kV air per IEC 61000-4-2
10 V/m (80 MHz to 1000 MHz) per IEC 61000-4-3
±1 kV per IEC61000-4-4
3 V per IEC61000-4-6
40 dB 30 MHz to 230 MHz; 47 dB 230 MHz to 1000 MHz per CISPR 11
EMC rating – ISO 11452-27:
radiated immunity
100 V/m 200 MHz to 2 GHz
20 V/m 200 MHz to 2 GHz
1
Output transfer function options are shown in the Nomenclature and Order Guide. (See Figure 5.)
2
Transducer will not produce valid output when supply voltage is outside of operating range.
3
Applies at 25 °C. See Figure 2 for Regulated Output Supply Voltage.
4
Applies at 25 °C. See Figure 3 for Current Output Supply Voltage.
5
Absolute maximum ratings are the extreme limits the device can withstand without damage to the product. Voltages above these ratings may cause
permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability.
6
Absolute voltage applies to potential across power and ground terminals.
7
All EMC ratings verified with the Delphi Metri-Pack 150 connector type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com